Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CC910OI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2CC910OI
Description  1:10 Clock Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2CC910OI Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 8Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CY2CC910
1:10 Clock Fanout Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07348 Rev. *C
Revised October 22, 2008
Features
Low voltage operation
Full range support:
3.3V
2.5V
1.8V
Over voltage tolerant input hot swappable
1:10 Fanout
Drives either a 50-Ohm or 75-Ohm load
Low input capacitance
Low output skew
Low propagation delay
Typical (tpd less than 4 ns)
High speed operation:
200 MHz at1.8V
650 MHz at 2.5V and 3.3V
Industrial versions available
Available packages include: SOIC, SSOP
Description
The Cypress series of network circuits are produced using
advanced 0.35 micron CMOS technology, achieving the
industry’s fastest logic and buffers.
The Cypress CY2CC910 fanout buffer features one input and
10 outputs. It is ideal for conversion from and to 3.3V, 2.5V,
and 1.8V
Designed for Data Communications clock management appli-
cations, the large fanout from a single input reduces loading
on the input clock.
Cypress employs the unique AVCMOS type outputs VOI
(Variable Output Impedance) that dynamically adjust for
variable impedance matching, eliminate the need for series
damping resistors, and reduce overall noise.
OUTPUT
(AVCMOS)
IN
3
11
14
12
9
7
5
16
18
19
Q1
Q5
Q7
Q6
Q4
Q3
Q2
Q8
Q9
Q1 0
GN D
VD D
INPUT
(AVCMOS)
2,6,10
13,1 7
4,8
15,2 0
1
Logic Block Diagram
[+] Feedback


Similar Part No. - CY2CC910OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910OI CYPRESS-CY2CC910OI Datasheet
133Kb / 8P
   1:10 Clock Fanout Buffer
CY2CC910OI CYPRESS-CY2CC910OI Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
133Kb / 8P
   1:10 Clock Fanout Buffer
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
More results

Similar Description - CY2CC910OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910 Datasheet
133Kb / 8P
   1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com