Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17031 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17031
Description  Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17031 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17031 Datasheet HTML 1Page - Maxim Integrated Products MAX17031 Datasheet HTML 2Page - Maxim Integrated Products MAX17031 Datasheet HTML 3Page - Maxim Integrated Products MAX17031 Datasheet HTML 4Page - Maxim Integrated Products MAX17031 Datasheet HTML 5Page - Maxim Integrated Products MAX17031 Datasheet HTML 6Page - Maxim Integrated Products MAX17031 Datasheet HTML 7Page - Maxim Integrated Products MAX17031 Datasheet HTML 8Page - Maxim Integrated Products MAX17031 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
_______________________________________________________________________________________
5
Dual Quick-PWM Step-Down Controller with Low-
Power LDO and RTC Regulator for MAIN Supplies
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 2, no load on LDO5, RTC, OUT1, OUT2, and REF, VIN = 12V, VDD = VCC = VSKIP = 5V, ONLDO = RTC, ON1 = ON2
= VCC, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS AND OUTPUTS
Upper SKIP/PWM threshold falling edge,
33mV hysteresis
1.94
2.0
2.06
SKIP Input Thresholds
Lower PWM/ultrasonic threshold
0.4
1.6
V
SKIP Leakage Current
VSKIP = 0 or 5V, TA = +25°C
-1
+1
µA
High (SMPS on)
2.4
ON_ Input-Logic Levels
ONLDO, ON1, ON2
Low (SMPS off)
0.8
V
ON_ Leakage Current
VON1 = VON2 = VONLDO = 0 or 5V,
TA = +25°C
-2
+2
µA
VOUT1 = 5.3V
15
65
OUT_ Leakage Current
VON1 = VON2 = VCC
VOUT2 = 3.5V
5
30
µA
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 2, no load on LDO5, RTC, OUT1, OUT2, and REF, VIN = 12V, VDD = VCC = VSKIP = 5V, ONLDO = RTC, ON1 = ON2
= VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25
°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES
IN Input Voltage Range
LDO5 in regulation
6
24
V
IN Standby Supply Current
VIN = 6V to 24V, ON1 = ON2 = GND,
ONLDO = RTC
200
µA
IN Shutdown Supply Current
VIN = 4.5V to 24V,
ON1 = ON2 = ONLDO = GND
70
µA
IN Supply Current
IIN
ON1 = ON2 = VCC, VSKIP = VCC,
VOUT1 = 5.3V, VOUT2 = 3.5V
0.2
mA
VCC Bias Supply Current
IVCC
ON1 = ON2 = VCC, VSKIP = VCC,
VOUT1 = 5.3V, VOUT2 = 3.5V
1.5
mA
PWM CONTROLLERS
OUT1 Output-Voltage Accuracy
VOUT1
VSKIP = 1.8V
4.90
5.10
V
OUT2 Output-Voltage Accuracy
VOUT2
VSKIP = 1.8V
3.234
3.366
V
DH1 On-Time
tON1
VOUT1 = 5.0V (Note 1)
895
1209
ns
DH2 On-Time
tON2
VOUT2 = 3.3V (Note 1)
833
1017
ns
Minimum Off-Time
tOFF(MIN)
(Note 1)
400
ns
Ultrasonic Operating Frequency
fSW(USONIC) VSKIP = GND
18
kHz


Similar Part No. - MAX17031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17030GTL++ MAXIM-MAX17030GTL+ Datasheet
649Kb / 38P
   1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX17035ETG++ MAXIM-MAX17035ETG+ Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
More results

Similar Description - MAX17031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17101 MAXIM-MAX17101 Datasheet
648Kb / 31P
   Dual Quick-PWM, Step-Down Controller with Low-Power LDO, RTC Regulator
Rev 1; 2/09
MAX17020 MAXIM-MAX17020 Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
logo
Renesas Technology Corp
ISL88550A RENESAS-ISL88550A Datasheet
1Mb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
Intersil Corporation
ISL88550A INTERSIL-ISL88550A Datasheet
789Kb / 25P
   Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
Maxim Integrated Produc...
MAX17085B MAXIM-MAX17085B Datasheet
3Mb / 37P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 0; 1/10
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX17085GTL MAXIM-MAX17085GTL Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX17085B MAXIM-MAX17085B_12 Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com