Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5200BDS Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
10
Freescale Semiconductor
RθJA =RθJC+RθCA
Eqn. 4
where:
RθJA = junction to ambient thermal resistance (ºC/W)
RθJC = junction to case thermal resistance (ºC/W)
RθCA = case to ambient thermal resistance (ºC/W)
RθJC is device related and cannot be influenced by the user. The user controls the thermal environment to change the case to
ambient thermal resistance, RθCA. For instance, the user can change the air flow around the device, add a heat sink, change the
mounting arrangement on printed circuit board, or change the thermal dissipation on the printed circuit board surrounding the
device. This description is most useful for ceramic packages with heat sinks where some 90% of the heat flow is through the
case to the heat sink to ambient. For most packages, a better model is required.
A more accurate thermal model can be constructed from the junction to board thermal resistance and the junction to case thermal
resistance. The junction to case covers the situation where a heat sink is used or a substantial amount of heat is dissipated from
the top of the package. The junction to board thermal resistance describes the thermal performance when most of the heat is
conducted to the printed circuit board. This model can be used for hand estimations or for a computational fluid dynamics (CFD)
thermal model.
To determine the junction temperature of the device in the application after prototypes are available, the Thermal
Characterization Parameter (
Ψ
JT) can be used to determine the junction temperature with a measurement of the temperature at
the top center of the package case using the following equation:
TJ =TT+(ΨJT × PD)
Eqn. 5
where:
TT = thermocouple temperature on top of package (ºC)
Ψ
JT = thermal characterization parameter ( º C / W )
PD = power dissipation in package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40-gauge type T thermocouple epoxied
to the top center of the package case. The thermocouple should be positioned, so that the thermocouple junction rests on the
package. A small amount of epoxy is placed over the thermocouple junction and over approximately one mm of wire extending
from the junction. The thermocouple wire is placed flat against the package case to avoid measurement errors caused by cooling
effects of the thermocouple wire.
1.2
Oscillator and PLL Electrical Characteristics
The MPC5200B System requires a system-level clock input SYS_XTAL. This clock input may be driven directly from an
external oscillator or with a crystal using the internal oscillator.
There is a separate oscillator for the independent Real-Time Clock (RTC) system.
The MPC5200B clock generation uses two phase locked loop (PLL) blocks.
The system PLL (SYS_PLL) takes an external reference frequency and generates the internal system clock. The
system clock frequency is determined by the external reference frequency and the settings of the SYS_PLL
configuration.
The e300 core PLL (CORE_PLL) generates a master clock for all of the CPU circuitry. The e300 core clock frequency
is determined by the system clock frequency and the settings of the CORE_PLL configuration.


Similar Part No. - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
   SDRAM/DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
977Kb / 72P
   SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
984Kb / 72P
   SDRAM/DDR Memory Controller
logo
Motorola, Inc
MPC5200BV400 MOTOROLA-MPC5200BV400 Datasheet
1Mb / 76P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC5200BV400 FREESCALE-MPC5200BV400 Datasheet
6Mb / 80P
   Hardware Specifications
More results

Similar Description - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
   TECHNICAL DATA
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com