Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPG Datasheet(PDF) 3 Page - EUROQUARTZ limited

Part # SPG
Description  OSCILLATORS - PROGRAMMABLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

SPG Datasheet(HTML) 3 Page - EUROQUARTZ limited

  SPG Datasheet HTML 1Page - EUROQUARTZ limited SPG Datasheet HTML 2Page - EUROQUARTZ limited SPG Datasheet HTML 3Page - EUROQUARTZ limited SPG Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page3of4
Output Frequency Settings
0
0
0
60k
6k
600
60
6
0.6
0.06
0.006
0
0
1
6k
600
60
6
0.6 0.06 0.006 0.0006
0
1
0
30k
3k
300
30
3
0.3
0.03
0.003
0
1
1
20k
2k
200
20
2
0.2
0.02
0.002
1
0
0
15k 1.5k 150
15
1.5
0.15 0.015 0.0015
1
0
1
12k 1.2k 120
12
1.2
0.12 0.012 0.0012
1
1
0
10k
1k
100
10
1
0.1
0.01
0.001
1
1
1
5k
500
50
5
0.5 0.05 0.005 0.0005
Set Terminal
8650A
CTL1
CTL2
CTL4
CTL5
CTL6
CTL3
0
0
001
1
1
1
0
0
110
0
1
1
0
1
010
1
0
1
0
0
0
100k 10k
1k
100 10
1
1/10
1/100
0
0
1
10k
1k
100
10
1
1/10 1/100 1/1000
0
1
0
50k
5k
500
50
5
1/2 1/20
1/200
0
1
1
33.3k 3.3k 333.3 33.3 3.33 1/3 1/30
1/300
1
0
0
25k 2.5k 250
25
2.5 1/4 1/40 1/400
1
0
1
20k
2k
200
20
2
1/5 1/50 1/500
1
1
0
16.6k 1.6k 166.6 16.6 1.6
1/6 1/60 1/600
1
1
1
8.3k 833.3 83.3 8.3 0.83 1/12 1/120 1/1200
Set Terminal
8650B
CTL1
CTL2
CTL4
CTL5
CTL6
CTL3
0
0
001
1
1
1
0
0
110
0
1
1
0
1
010
1
0
1
0
0
0
32768
3276.8 327.68 32.768
3.276 0.3276 0.03276 0.00327
0
0
1
3276.8 327.68 32.768
3.276
0.327 0.0327 0.00327 0.00032
0
1
0
16384
1638.4 163.84 16.384
1.638 0.1638 0.01638 0.00163
0
1
1
10922.6 1092.26 109.22 10.922
1.092 0.1092 0.01092 0.00109
1
0
0
8192
819.2
81.92
8.192
0.819 0.0819 0.00819 0.00081
1
0
1
6553.6 655.36 65.536
6.553
0.655 0.0655 0.00655 0.00065
1
1
0
5461.3 546.13 54.613
5.416
0.546 0.0546 0.00546 0.00054
1
1
1
2730.6 273.06 27.306
2.730
0.273 0.0273 0.00273 0.00027
Set Terminal
8650E
CTL1
CTL2
CTL4
CTL5
CTL6
CTL3
00
0
0
1
1
1
1
00
1
1
0
0
1
1
01
0
1
0
1
0
1
SPG SERIES
PROGRAMMABLE
OSCILLATORS
SPG SERIES
8 pin Dual-in-Line
PROGRAMMABLE
OSCILLATORS
EUROQUARTZ
+44 (0)1460 230000
+44 (0)1460 230001
sales@euroquartz.co.uk
www.euroquartz.co.uk
Telephone:
Fax:
Email:
Web:
OSCILLATORS - PROGRAMMABLE
GENERAL PRODUCT SPECIFICATION


Similar Part No. - SPG

ManufacturerPart #DatasheetDescription
logo
Epson Company
SPG EPSON-SPG Datasheet
109Kb / 3P
   SELECTABLE-OUTPUT CRYSTAL OSCILLATOR
logo
Epson ToYoCom
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
   SPG-8650
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
   Crystal oscillator
SPG-8640BN EPSONTOYOCOM-SPG-8640BN Datasheet
444Kb / 2P
   SPG-8650
SPG-8640BN EPSONTOYOCOM-SPG-8640BN Datasheet
444Kb / 2P
   Crystal oscillator
More results

Similar Description - SPG

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
SP8 EUROQUARTZ-SP8 Datasheet
112Kb / 1P
   OSCILLATORS - PROGRAMMABLE
logo
CITIZEN ELECTRONICS CO....
SSX-750P CITIZEN-SSX-750P Datasheet
497Kb / 2P
   PROGRAMMABLE OSCILLATORS
logo
List of Unclassifed Man...
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
   PROGRAMMABLE OSCILLATORS
CSX750P ETC2-CSX750P Datasheet
915Kb / 1P
   PROGRAMMABLE OSCILLATORS
logo
CITIZEN ELECTRONICS CO....
CSX-325P CITIZEN-CSX-325P Datasheet
78Kb / 1P
   PROGRAMMABLE OSCILLATORS
CSX750P CITIZEN-CSX750P Datasheet
915Kb / 1P
   PROGRAMMABLE OSCILLATORS
logo
Ecliptek Corporation
EP2500ETTTSL-24000MTR ECLIPTEK-EP2500ETTTSL-24000MTR Datasheet
117Kb / 3P
   Programmable Crystal Oscillators
EP3600ETTTS-24000MTR ECLIPTEK-EP3600ETTTS-24000MTR Datasheet
113Kb / 3P
   Programmable Crystal Oscillators
EP2600ETTTS-24000MTR ECLIPTEK-EP2600ETTTS-24000MTR Datasheet
118Kb / 3P
   Programmable Crystal Oscillators
EP3500ETTTSL-24000MTR ECLIPTEK-EP3500ETTTSL-24000MTR Datasheet
114Kb / 3P
   Programmable Crystal Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com