Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15035 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15035
Description  15A Step-Down Regulator with Internal Switches
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15035 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15035 Datasheet HTML 4Page - Maxim Integrated Products MAX15035 Datasheet HTML 5Page - Maxim Integrated Products MAX15035 Datasheet HTML 6Page - Maxim Integrated Products MAX15035 Datasheet HTML 7Page - Maxim Integrated Products MAX15035 Datasheet HTML 8Page - Maxim Integrated Products MAX15035 Datasheet HTML 9Page - Maxim Integrated Products MAX15035 Datasheet HTML 10Page - Maxim Integrated Products MAX15035 Datasheet HTML 11Page - Maxim Integrated Products MAX15035 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
15A Step-Down Regulator with Internal Switches
8
_______________________________________________________________________________________
SOFT-START WAVEFORM
(HEAVY LOAD)
MAX15035 toc18
200
µs/div
C. VOUT, 1V/div
B. INDUCTOR CURRENT,
10A/div
1.5V
8A
0
5V
0
0
0
5V
A
B
C
D
A. EN, 5V/div
B. PGOOD, 5V/div
IOUT = 8A
SOFT-START WAVEFORM
(LIGHT LOAD)
MAX15035 toc19
200
µs/div
C. VOUT, 1V/div
B. INDUCTOR CURRENT,
10A/div
1.5V
0
5V
0
0
0
1A
5V
A
B
C
D
A. EN, 5V/div
B. PGOOD, 5V/div
IOUT = 1A
SHUTDOWN WAVEFORM
MAX15035 toc20
200
µs/div
C. VOUT, 1V/div
B. INDUCTOR CURRENT,
5A/div
A
B
C
D
A. EN, 5V/div
B. PGOOD, 5V/div
IOUT = 6A
1.5V
0
5V
0
0
0
8A
5V
LOAD-TRANSIENT RESPONSE
(PWM MODE)
MAX15035 toc21
20
µs/div
B. VOUT, 20mV/div
C. INDUCTOR CURRENT,
5A/div
8A
1A
1.5V
8A
0A
A
B
C
A. IOUT, 10A/div
IOUT = 1A TO 8A TO 1A
Typical Operating Characteristics (continued)
(MAX15035 Circuit of Figure 1, VIN = 12V, VDD = 5V, SKIP = GND, RTON = 200kΩ, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX15035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
MAX15035ETL++ MAXIM-MAX15035ETL+ Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
More results

Similar Description - MAX15035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
logo
Linear Technology
LTC3613 LINER-LTC3613 Datasheet
453Kb / 36P
   24V, 15A Monolithic Step Down Regulator
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
logo
Linear Technology
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
logo
Maxim Integrated Produc...
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com