Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15031ATE+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15031ATE+
Description  80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15031ATE+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15031ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 11Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 12Page - Maxim Integrated Products MAX15031ATE+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
80V, 300mW Boost Converter and Current
Monitor for APD Bias Applications
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
PWR
Boost Converter Input Voltage. PWR powers the switch driver and charge pump. Bypass PWR to PGND with a
ceramic capacitor of 1µF minimum value.
2CP
Positive Terminal of the Charge-Pump Flying Capacitor for 2.7V to 5.5V Supply Voltage Operation. Connect
CP to IN when the input voltage is in the 5.5V to 11V range.
3CN
Negative Terminal of the Charge-Pump Flying Capacitor for 2.7V to 5.5V Supply Voltage Operation. Leave CN
unconnected when the input voltage is in the 5.5V to 11V range.
4IN
Input Supply Voltage. IN powers all blocks of the MAX15031 except the switch driver and charge pump.
Bypass IN to PGND with a ceramic capacitor of 1µF minimum value.
5
SGND
Signal Ground. Connect directly to the local ground plane. Connect SGND to PGND at a single point, typically
near the return terminal of the output capacitor.
6FB
Feedback Regulation Input. Connect FB to the center tap of a resistive voltage-divider from the output (VOUT)
to SGND to set the output voltage. The FB voltage regulates to 1.245V (typ) when VCNTRL is above 1.5V (typ)
and to VCNTRL voltage when VCNTRL is below 1.245V (typ).
7
CNTRL
Control Input for Boost Converter Output-Voltage Programmability. Allows the feedback set-point voltage to be
set externally by CNTRL when CNTRL is less than 1.245V. Pull CNTRL above 1.5V (typ) to use the internal
1.245V (typ) feedback set-point voltage.
8
ILIM
Open-Drain Current-Limit Indicator. ILIM asserts low when the APD current limit has been exceeded.
9
RLIM
Current-Limit Resistor Connection. Connect a resistor from RLIM to SGND to program the APD current-limit
threshold.
10
MOUT
Current-Monitor Output. MOUT sources a current 1/10th of IAPD.
11
CLAMP
Clamp Voltage Input. CLAMP is the external potential used for voltage clamping of MOUT.
12
APD
Reference Current Output. APD provides the source current to the cathode of the photodiode.
13
BIAS
Bias Voltage Input. Connect BIAS to the boost converter output (VOUT) either directly or through a lowpass
filter for ripple attenuation. BIAS provides the voltage bias for the current monitor and is the current source for
APD.
14
SHDN
Active-Low Shutdown Control Input. Apply a logic-low voltage to SHDN to shut down the device and reduce
the supply current to 2µA (max). Connect SHDN to IN for normal operation. Ensure that VSHDN is not greater
than the input voltage, VIN.
15
PGND
Power Ground. Connect the negative terminals of the input and output capacitors to PGND. Connect PGND
externally to SGND at a single point, typically at the return terminal of the output capacitor.
16
LX
Drain of Internal 80V n-Channel DMOS. Connect inductor and diode to LX. Minimize the trace area at LX to
reduce switching noise emission.
—EP
Exposed Pad. Connect EP to a large contiguous copper plane at SGND potential to improve thermal
dissipation. Do not use as the main SGND connection.


Similar Part No. - MAX15031ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15031ATE++ MAXIM-MAX15031ATE+ Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
More results

Similar Description - MAX15031ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15061 MAXIM-MAX15061 Datasheet
414Kb / 16P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 0; 10/09
MAX15031 MAXIM-MAX15031_09 Datasheet
477Kb / 17P
   80V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 2; 6/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
logo
Taiwan Memory Technolog...
I7990N TMT-I7990N Datasheet
26Kb / 1P
   Boost Converter and Current Monitor for APD
logo
Linear Technology
LT3905 LINER-LT3905 Datasheet
179Kb / 6P
   Boost DC/DC Converter with APD Current Monitor
LT3905 LINER-LT3905_15 Datasheet
257Kb / 18P
   Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482 Datasheet
196Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3482 LINER-LT3482_15 Datasheet
202Kb / 12P
   90V Boost DC/DC Converter with APD Current Monitor
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
   75V DC/DC Converter for APD Bias
logo
Monolithic Power System...
MP3430 MPS-MP3430 Datasheet
1,012Kb / 15P
   90V Step-Up Converter with APD Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com