Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD7IC21100N Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MD7IC21100N
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MD7IC21100N Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MD7IC21100N Datasheet HTML 6Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 7Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 8Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 9Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 10Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 11Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 12Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 13Page - Freescale Semiconductor, Inc MD7IC21100N Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
RF Device Data
Freescale Semiconductor
MD7IC21100NR1 MD7IC21100GNR1 MD7IC21100NBR1
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
28
56
22
P3dB = 52.51 dBm (178 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ1A = IDQ1B = 190 mA
IDQ2A = IDQ2B = 925 mA, Pulsed CW, 10 μsec(on)
10% Duty Cycle, f = 2110 MHz
54
52
50
48
23
25
24
26
Actual
Ideal
P1dB = 51.87 dBm (154 W)
55
51
53
49
27
21
NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
20
19
Test Impedances per Compression Level
Zsource
Ω
Zload
Ω
P1dB
48.64 - j0.94
1.02 - j3.36
Figure 17. Pulsed CW Output Power
versus Input Power @ 28 V @ 2110 MHz
28
56
21
Pin, INPUT POWER (dBm)
54
52
50
47
22
24
23
26
25
27
Actual
Ideal
55
51
53
49
20
NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
19
18
48
VDD = 28 Vdc, IDQ1A = IDQ1B = 190 mA
IDQ2A = IDQ2B = 925 mA, Pulsed CW, 10 μsec(on)
10% Duty Cycle, f = 2170 MHz
P3dB = 52.59 dBm (182 W)
P1dB = 51.94 dBm (156 W)
Test Impedances per Compression Level
Zsource
Ω
Zload
Ω
P1dB
51.04 + j0.32
0.92 - j3.48
Figure 18. Pulsed CW Output Power
versus Input Power @ 28 V @ 2170 MHz


Similar Part No. - MD7IC21100N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MD7IC21100N FREESCALE-MD7IC21100N Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MD7IC21100N NXP-MD7IC21100N Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 2/2012
logo
Freescale Semiconductor...
MD7IC21100NBR1 FREESCALE-MD7IC21100NBR1 Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MD7IC21100NBR1 NXP-MD7IC21100NBR1 Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 2/2012
logo
Freescale Semiconductor...
MD7IC21100NR1 FREESCALE-MD7IC21100NR1 Datasheet
1Mb / 22P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MD7IC21100N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com