Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11508 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11508
Description  Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11508 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11508 Datasheet HTML 1Page - Maxim Integrated Products MAX11508 Datasheet HTML 2Page - Maxim Integrated Products MAX11508 Datasheet HTML 3Page - Maxim Integrated Products MAX11508 Datasheet HTML 4Page - Maxim Integrated Products MAX11508 Datasheet HTML 5Page - Maxim Integrated Products MAX11508 Datasheet HTML 6Page - Maxim Integrated Products MAX11508 Datasheet HTML 7Page - Maxim Integrated Products MAX11508 Datasheet HTML 8Page - Maxim Integrated Products MAX11508 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Cost, 3-Channel, HD/PS/SD/BP
Video Filters with Buffer
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C.
Note 2: Output AC-coupled with 220µF into 150Ω to GND.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PROGRESSIVE-SCAN VIDEO
MAX11508, TA = +25°C
9
13.5
-1dB Bandwidth
f1dB
MAX11509, TA = +25°C
10
14
MHz
MAX11508
16
-3dB Bandwidth
f3dB
MAX11509
17
MHz
Stopband Attenuation
ASB
f = 54MHz
44
dB
Low-Frequency Gain
AV
5.6
6.0
6.6
dB
Total Harmonic Distortion
THD
VOUT = 1.4VP-P, f = 7MHz
-55
dB
Signal-to-Noise Ratio
SNR
2VP-P signal to RMS noise,
f = 100kHz to 15MHz
66
dB
Group Delay
tG
f = 10MHz
47
ns
HIGH-DEFINITION VIDEO
MAX11508, TA = +25°C
21
30
-1dB Bandwidth
f1dB
MAX11509, TA = +25°C
22
31
MHz
MAX11508
33
-3dB Bandwidth
f3dB
MAX11509
34
MHz
f = 37.125MHz
6.5
f = 44.25MHz
14.5
Stopband Attenuation
ASB
f = 74.25MHz
45
dB
Low-Frequency Gain
AV
5.4
6.0
6.6
dB
VOUT = 1.4VP-P, f = 10MHz
-55
VOUT = 1.4VP-P, f = 15MHz
-50
Total Harmonic Distortion
THD
VOUT = 1.4VP-P, f = 22MHz
-40
dB
Signal-to-Noise Ratio
SNR
2VP-P signal to RMS noise,
f = 100kHz to 30MHz
65
dB
Group Delay
tG
f = 20MHz
25
ns
BYPASS VIDEO (Note 2)
-3dB Bandwidth
f3dB
60
MHz
Low-Frequency Gain
AV
5.4
6.0
6.6
dB
Total Harmonic Distortion
THD
VOUT = 1.4VP-P, f = 22MHz
-40
dB
Signal-to-Noise Ratio
SNR
2VP-P signal to RMS noise,
f = 100kHz to 30MHz
65
dB
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, RLOAD = 150Ω to GND, CIN = 0.1µF, TA = 0°C to +85°C, all frequency responses are relative to 100kHz, unless other-
wise noted.) (Note 1)


Similar Part No. - MAX11508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
138Kb / 8P
   Transparent Input Clamp
Rev 0; 1/09
MAX11508EVKIT MAXIM-MAX11508EVKIT Datasheet
138Kb / 8P
   Transparent Input Clamp
Rev 0; 1/09
MAX11508EVKIT++ MAXIM-MAX11508EVKIT+ Datasheet
138Kb / 8P
   Transparent Input Clamp
Rev 0; 1/09
More results

Similar Description - MAX11508

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
STMicroelectronics
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
   Audio/video buffer and four-channel SD/PS/HD video filter
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
   Audio/video buffer and 6-channel SD/PS/HD video filter
logo
Maxim Integrated Produc...
MAX11506 MAXIM-MAX11506 Datasheet
159Kb / 10P
   Low-Cost, 6-Channel SD Plus HD/SD Selectable Video Filters and Buffers
Rev 0; 4/08
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Texas Instruments
THS7360 TI-THS7360 Datasheet
802Kb / 41P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com