Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OC22E12S Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # OC22E12S
Description  SC-Cut Crystal - Sine Wave - 12.0 Volts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

OC22E12S Datasheet(HTML) 1 Page - EUROQUARTZ limited

  OC22E12S Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
SC-Cut Crystal - Sine Wave - 12.0 Volts
DESCRIPTION
OC22E12S series oven-controlled crystal oscillators are close
tolerance OCXOs with excellent phase noise performance.
Frequency Range 5.0MHz to 20.0MHz
50.8 x 50.8 x 16.0mm 7 pin metal, solder-sealed package
Supply Voltage 12.0 Volts
SC-Cut Crystal
Sine Wave Output
·
EFC (Voltage control) as standard
OUTLINE & DIMENSIONS
SPECIFICATION
OCXO - OC22E12S SERIES
Crystal Cut:
SC-cut
Output Waveform:
Sine Wave
Supply Voltage:
+12.0 VDC ±0.5V
Frequency Range:
5.0MHz to 20.0MHz
Initial Calibration Tolerance:
±0.1ppm max.(at VCON +2.5V)
Frequency Stability
over 0° to +60°C:
±0.01ppm
over -20° to +70°C:
±0.02ppm
over -40° to +85°C:
±0.03ppm
vs. Voltage Change:
<±1.0ppb for ±5% change
vs. Ageing:
±0.5ppb max per day
±50ppb per first year
±150ppb over 10 years
vs. Load Change:
<±1.0ppb for ±5% change
Warm-up Time:
5 minutes max. to within
±10ppb of nominal freq.
Voltage Control
Control Voltage Centre:
+2.5 Volts (VCON)
Freq. Deviation Range:
±0.5ppm min., ±1ppm max.
ref. to 25°C and O.T.R.
Control Voltage Range:
2.5V ±2.0Volts
Transfer Function:
Positive: Increasing control
voltage increases output
frequency
Input Impedance:
100k
minimum
EFC Linearity:
±10% maximum
Power Dissipation:
2.0W max. steady state
6.0W max. at turn on
Output
Output level:
+2dBm typ., +8dBm max
into 50W load
Harmonics:
-30dBc min.
Spurious:
-75dBc min.
Reference Voltage:
+4.0±0.3VDC or custom
Envionmental
Storage Temperature:
-55° to +125°C
Shock:
2000g, 0.3ms ½ sine
Vibration:
10 ~2000Hz / 10g
Offset
dBc/Hz
1Hz
-85
10Hz
-120
100Hz
-140
1kHz
-145
10kHz
-150
PHASE NOISE (at 10MHz)
TEST CIRCUIT
PART NUMBER FORMAT
Example:
OC22GE12S-10.000-0.10/-20+70
OCXO Package: OC22
RoHS Compliance
G: RoHS Compliant
Blank: Non-compliant
E: Output Sine Wave
12: Supply Voltage 12.0Volts
S: SC-Cut Crystal
Nominal Frequency 10.0MHz
Stability in ±ppm
Operating Temperature Range °C
Lowest Temperature/Highest Temperature
Squarewave = 15pF
Sine Wave = 50W
Including probe and fixture


Similar Part No. - OC22E12S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC22E12A EUROQUARTZ-OC22E12A Datasheet
94Kb / 1P
   AT-Cut Crystal - Sine Wave - 12.0 Volts
OC22E12A-10.000-0.10-20 EUROQUARTZ-OC22E12A-10.000-0.10-20 Datasheet
94Kb / 1P
   AT-Cut Crystal - Sine Wave - 12.0 Volts
More results

Similar Description - OC22E12S

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
OC11E12S EUROQUARTZ-OC11E12S Datasheet
109Kb / 1P
   SC-Cut Crystal - Sine Wave - 12.0 Volts
OC30E12S EUROQUARTZ-OC30E12S Datasheet
99Kb / 1P
   SC-Cut Crystal - Sine Wave - 12.0 Volts
OC18E12S EUROQUARTZ-OC18E12S Datasheet
113Kb / 1P
   SC-Cut Crystal - Sine Wave - 12.0 Volts
OC31E12S EUROQUARTZ-OC31E12S Datasheet
99Kb / 1P
   SC-Cut Crystal - Sine Wave - 12.0 Volts
OC30E12A EUROQUARTZ-OC30E12A Datasheet
99Kb / 1P
   AT-Cut Crystal - Sine Wave - 12.0 Volts
OC18E12A EUROQUARTZ-OC18E12A Datasheet
113Kb / 1P
   AT-Cut Crystal - Sine Wave - 12.0 Volts
OC31E12A EUROQUARTZ-OC31E12A Datasheet
99Kb / 1P
   AT-Cut Crystal - Sine Wave - 12.0 Volts
OC22E12A EUROQUARTZ-OC22E12A Datasheet
94Kb / 1P
   AT-Cut Crystal - Sine Wave - 12.0 Volts
OC11E12A EUROQUARTZ-OC11E12A Datasheet
109Kb / 1P
   AT-Cut Crystal - Sine Wave - 12.0 Volts
OC18T12S EUROQUARTZ-OC18T12S Datasheet
110Kb / 1P
   SC-Cut Crystal - Square Wave - 12.0 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com