Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9791 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9791
Description  Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9791 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9791 Datasheet HTML 1Page - Maxim Integrated Products MAX9791 Datasheet HTML 2Page - Maxim Integrated Products MAX9791 Datasheet HTML 3Page - Maxim Integrated Products MAX9791 Datasheet HTML 4Page - Maxim Integrated Products MAX9791 Datasheet HTML 5Page - Maxim Integrated Products MAX9791 Datasheet HTML 6Page - Maxim Integrated Products MAX9791 Datasheet HTML 7Page - Maxim Integrated Products MAX9791 Datasheet HTML 8Page - Maxim Integrated Products MAX9791 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Windows Vista-Compliant Class D Speaker
Amplifiers with DirectDrive Headphone Amplifiers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPEAKER AMPLIFIER
RL = 4
Ω
(MAX9791)
1.7
RL = 8
Ω
(MAX9791)
1.2
THD+N = 1%,
f = 1kHz,
TA = +25
°C
(Note 4)
RL = 3
Ω
(MAX9792)
3
RL = 4
Ω
(MAX9791)
2.2
RL = 8
Ω
(MAX9791)
1.5
Output Power
POUT
THD+N = 10%,
f = 1kHz,
TA = +25
°C
(Note 4)
RL = 3
Ω
(MAX9792)
3.7
W
RL = 8
Ω, POUT = 500mW, f = 1kHz (Note 4)
0.04
Total Harmonic Distortion Plus
Noise
THD+N
RL = 4
Ω, POUT = 500mW, f = 1kHz (Note 4)
0.03
%
VAVDD = VPVDD = 4.5V to 5.5V, TA = +25
°C60
80
f = 217Hz, 200mVP-P
73
f = 1kHz, 200mVP-P
75
Power-Supply Rejection Ratio
PSRR
f = 10kHz, 200mVP-P
62
dB
Feedback Impedance
RFSKR
Guaranteed by design
20
k
Ω
Gain
AV
RIN1 = 20k
Ω
12
dB
Output Offset Voltage
VOS
Measured between OUT_+ and OUT_-,
TA = +25
°C
±3
±10
mV
Into shutdown
-52.4
Click-and-Pop Level
KCP
RL = 8
Ω,
peak voltage,
A-weighted,
32 samples per second
(Notes 4, 5, and 6)
Out of
shutdown
-54
dBV
A-weighted
98
Signal-to-Noise Ratio
SNR
RL = 8
Ω
POUT = 1.2W fIN = 1kHz,
(Note 4)
20Hz to 20kHz
94
dB
Noise
VN
A-weighted
38
µVRMS
L to R, R to L, RL = 8
Ω, VIN = -20dBFS =
100mVRMS, fIN = 1kHz (Note 4)
78
L to R, R to L, RL = 8
Ω, VIN = -20dBFS =
100mVRMS, fIN = 15kHz (Note 4)
70
Crosstalk
HP to SPKR, RLSPKR = 8
Ω, PHP = 20mW,
RLHP = 32
Ω, fIN = 1kHz (Note 4)
77
dB
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VPVDD = VHPVDD = 5V, VGND = VPGND = VCPGND = 0, ILDO_OUT = 0, CLDO = 2µF, C1 = C2 = 1µF. RL = ∞, unless other-
wise specified. RIN1 = 20kΩ (AVSPKR = 12dB), RIN2 = 40.2kΩ (AVHP = 0dB), CIN1 = 470nF, CIN2 = CCOM = 1µF, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)


Similar Part No. - MAX9791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9791 MAXIM-MAX9791 Datasheet
826Kb / 34P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
19-4217; Rev 1; 6/10
MAX9791A MAXIM-MAX9791A Datasheet
401Kb / 10P
   Wake-on-Beep Function
Rev 0; 10/08
MAX9791AETI++ MAXIM-MAX9791AETI+ Datasheet
826Kb / 34P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
19-4217; Rev 1; 6/10
MAX9791AEVKIT MAXIM-MAX9791AEVKIT Datasheet
401Kb / 10P
   Wake-on-Beep Function
Rev 0; 10/08
MAX9791AEVKIT++ MAXIM-MAX9791AEVKIT+ Datasheet
401Kb / 10P
   Wake-on-Beep Function
Rev 0; 10/08
More results

Similar Description - MAX9791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9791 MAXIM-MAX9791_V01 Datasheet
826Kb / 34P
   Windows Vista-Compliant Class D Speaker Amplifiers with DirectDrive Headphone Amplifiers
19-4217; Rev 1; 6/10
MAX9789A MAXIM-MAX9789A Datasheet
1Mb / 26P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 9/06
MAX9789 MAXIM-MAX9789_09 Datasheet
506Kb / 28P
   Windows Vista-Compliant, Stereo Class AB Speaker Amplifiers and DirectDrive Headphone Amplifiers
Rev 3; 9/09
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
   2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
   2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com