Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR8AM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CR8AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR8AM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CR8AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR8AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR8AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR8AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR8AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR8AM
MEDIUM POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
V1. The contact thermal resistance Rth (c-f) is 1.0
°C/W with greased.
ELECTRICAL CHARACTERISTICS
Test conditions
Tj=125
°C, VRRM applied
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=25A, instantaneous value
Tj=25
°C, VD=6V, IT=1A
Tj=125
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, IT=1A
Tj=25
°C, VD=12V
Junction to case
Unit
mA
mA
V
V
V
mA
mA
°C/W
Typ.
15
Symbol
IRRM
IDRM
VTM
VGT
VGD
IGT
IH
Rth (j-c)
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Holding current
Thermal resistance
Limits
Min.
0.2
Max.
2.0
2.0
1.4
1.0
15
3.0
100
23
5 7 101
80
40
23
5 7 102
44
120
160
200
60
20
100
140
180
0
5
01
4
23
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
Tc = 125°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
PERFORMANCE CURVES


Similar Part No. - CR8AM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
logo
Renesas Technology Corp
CR8AM RENESAS-CR8AM Datasheet
107Kb / 6P
   MITSUBISHI SEMICONDUCTOR THYRISTOR
logo
Powerex Power Semicondu...
CR8AM400-12 POWEREX-CR8AM400-12 Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR8AM400-8 POWEREX-CR8AM400-8 Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR8AM600-12 POWEREX-CR8AM600-12 Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
More results

Similar Description - CR8AM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM_15 Datasheet
128Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR12AM MITSUBISHI-CR12AM Datasheet
68Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
BCR25A MITSUBISHI-BCR25A Datasheet
92Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR20F MITSUBISHI-CR20F Datasheet
64Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR5AS MITSUBISHI-CR5AS Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR12BM MITSUBISHI-CR12BM Datasheet
66Kb / 6P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR12AM RENESAS-CR12AM_15 Datasheet
134Kb / 9P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR8AM RENESAS-CR8AM_15 Datasheet
131Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR6CM MITSUBISHI-CR6CM Datasheet
68Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com