Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9655 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX9655
Description  Low-Power Video Switches for Dual SCART Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9655 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9655 Datasheet HTML 2Page - Maxim Integrated Products MAX9655 Datasheet HTML 3Page - Maxim Integrated Products MAX9655 Datasheet HTML 4Page - Maxim Integrated Products MAX9655 Datasheet HTML 5Page - Maxim Integrated Products MAX9655 Datasheet HTML 6Page - Maxim Integrated Products MAX9655 Datasheet HTML 7Page - Maxim Integrated Products MAX9655 Datasheet HTML 8Page - Maxim Integrated Products MAX9655 Datasheet HTML 9Page - Maxim Integrated Products MAX9655 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Low-Power Video Switches
for Dual SCART Connectors
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 3.3V, VGND = 0, VSHDN = VDD, RL = 150Ω to GND, TA = +25°C.)
10
μs/div
NTC-7 VIDEO TEST SIGNAL
IN
500mV/div
MAX9655 toc13
OUT
1V/div
2ms/div
FIELD SQUARE WAVE
IN
500mV/div
MAX9655 toc14
OUT
1V/div
0.26
0.30
0.28
0.34
0.32
0.38
0.36
0.40
-50
0
25
-25
50
75
100
125
VIDEO SYNC-TIP CLAMP VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
0.90
0.94
0.92
0.98
0.96
1.02
1.00
1.04
-50
0
25
-25
50
75
100
125
VIDEO SYNC-TIP CLAMP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-100
0
100
200
300
400
500
0
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
SYNC-TIP CLAMP CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
20.0
20.5
21.5
21.0
22.5
22.0
23.0
-50
0
25
-25
50
75
100
125
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn