Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9240PFCR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9240PFCR
Description  Digital PWM System Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9240PFCR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD9240PFCR Datasheet HTML 6Page - Texas Instruments UCD9240PFCR Datasheet HTML 7Page - Texas Instruments UCD9240PFCR Datasheet HTML 8Page - Texas Instruments UCD9240PFCR Datasheet HTML 9Page - Texas Instruments UCD9240PFCR Datasheet HTML 10Page - Texas Instruments UCD9240PFCR Datasheet HTML 11Page - Texas Instruments UCD9240PFCR Datasheet HTML 12Page - Texas Instruments UCD9240PFCR Datasheet HTML 13Page - Texas Instruments UCD9240PFCR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TYPICAL APPLICATION SCHEMATIC
–Vsens-rail3
10kW
0.1 mF
FCX491A
+3.3V
UCD9240RGC
53
52
51
50
57
56
55
54
3
59
60
61
62
63
1
2
EAp1
EAn2
EAp2
EAn1
EAn4
EAp4
EAn3
EAp3
AddrSens1
AddrSens0
CS-1A(COMP1)
CS-2A(COMP2)
CS-2B
CS-1B
CS-4A(COMP4)
CS-3A(COMP3)
+Vsens-rail1
–Vsens-rail2
+Vsens-rail2
–Vsens-rail1
–Vsens-rail4
+Vsens-rail4
+Vsens-rail3
CS-rail2B
CS-rail1A
CS-rail4A
CS-rail3A
CS-rail2A
CS-rail1B
6
5
4
Temp
Vtrack
Vin/Iin
16
15
PMBus-Data
PMBus-Clk
39
28
27
PowerGood(TMS)
PMBus-Ctrl
PMBus-Alert
+3.3V
4.7 mF
20
19
18
17
12
11
23
21
DPWM-1A
15kW
0.1 mF
34
25
14
13
24
22
35
33
30
29
32
31
42
FAN-Tach
36
41
FAN-PWM
SyncOut
37
38
SyncIn
10
40
DPWM-2B
DPWM-2A
DPWM-1B
FAULT-1B
FAULT-1A
DPWM-4A
DPWM-3A
FAULT-2A
FAULT-4A
FAULT-3A
FAULT-2B
SRE-1B
SRE-1A
SRE-2B
SRE-2A
SRE-4A
SRE-3A
TMUX-1
TMUX-0
TMUX-2
FAN-TACH
FAN-PWM
SYNC-OUT
SYNC-IN
RCR
TRST
9
RESET
10kW
10kW
V
IN
10kW
14
13
A1
A0
1
12
15
A4
A3
A2
4
2
A7
A6
A5
5
8
11
10
6
S2
Com
S0
S1
EN
3
Temp-rail1B
Temp-rail1A
Temp-rail2B
Temp-rail2A
Temp-rail4A
Temp-rail3A
CD74HC4051
+3.3V
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
Commutation
UCD7230Driver
Logic
FAULT
PWM
SRE
INH
IOUT
TempSensor
PTD08A020W
Temp-rail1A
INH
+3.3V
V
IN
V
O
PTD08A020W
FAULT
PWM
SRE
INH
IOUT
Temp-rail1B
CS-rail1A
+Vsens-rail1
–Vsens-rail1
Temp-rail2A
Temp-rail2B
+Vsens-rail2
–Vsens-rail2
CS-rail1B
CS-rail2A
CS-rail2B
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
Temp-rail3A
Temp-rail4A
+Vsens-rail4
–Vsens-rail4
CS-rail3A
CS-rail4A
+Vsens-rail3
–Vsens-rail3
82.5kW
TEMP
VOUT
GND
VBIAS
TEMP
GND
TEMP
VOUT
GND
TEMP
VOUT
GND
TEMP
VOUT
GND
TEMP
VOUT
GND
VBIAS
VIN
VIN
VBIAS
VIN
VIN
VBIAS
VIN
VIN
VBIAS
VIN
VIN
VBIAS
VIN
VIN
[A]
UDG-08035
UCD9240
SLUS766C – JULY 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
Figure 3 shows the UCD9240 power supply controller as part of a system that provides the regulation of four
independent power supplies. The loop for each power supply is created by the respective voltage outputs feeding
into the differential voltage error ADC (EADC) inputs, and completed by DPWM outputs feeding into the gate
drivers for each power stage.
The ±Vsenserail signals must be routed to the EAp/EAn input that matches the number of the lowest DPWM
configured as part of the rail. (See more detail on page 19, "Flexible Rail/Power Stage Configuration".)
Figure 3. Typical Application Schematic
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCD9240


Similar Part No. - UCD9240PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240PFCR TI-UCD9240PFCR Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFCR TI1-UCD9240PFCR Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240PFCR TI1-UCD9240PFCR Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9240PFCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com