Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTS455HTW Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # LTS455HTW
Description  CERAMIC FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

LTS455HTW Datasheet(HTML) 1 Page - EUROQUARTZ limited

  LTS455HTW Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LTS 455BW
455±2
4
2
±15
±30
45
1500
LTS 455CW
455±2
4
2
±12.5
±24
45
1500
LTS 455DW
455±1.5
4
2
±10
±20
45
1500
LTS 455EW
455±1.5
6
2
±7.5
±15
45
1500
LTS 455FW
455±1.5
6
2
±6
±12.5
45
2000
LTS 455GW
455±1.5
6
2
±4.5
±10
45
2000
LTS 455HW
455±1.0
6
2
±3
±9
45
2000
LTS 455IW
455±1.0
6
2
±2
±7.5
45
2000
LTS 455HTW
455±1.0
6
2
±3
±9
60
2000
LTS 455ITW
455±1.0
6
2
±2
±7.5
60
2000
LTW
R2
R1
RG
RF
V.M.
Output
Input
SSG
Ground
1
5
24
3
RG+R1=R2=Input/Output Impedance
Frequency v. Attenuation Characteristics
Attenuation
(dB)
Frequency (kHz)
0
10
20
30
40
50
60
70
410 420 430 440 450 460 470 480
500
490
LTS-455BW
LTS-455EW
LTS-455HW
High selectivity type ceramic filters
A variety of bandwidths available
Easily mounted to PCB
Miniature size
EUROQUARTZ
LTS-455W CERAMIC FILTER
6 Element
Outline and Dimensions
11.3
7.5
3.5
7.0
2.9
2.9
2.6
4.3
2.0
Actual size
(outline top view)
Connections
1
2, 3, 4
5
Input
Ground
Output
1
2
3
4
5
SPECIFICATION
Centre
Frequency
(kHz)
Insertion
Loss
(dB max.)
Part
Number
Pass Band
Ripple
(dB max.)
50dB
Bandwidth
(kHz min.)
6dB
Bandwidth
(kHz min.)
Stop Band
Att. ±100kHz
(dB min.)
Input/Output
Impedance
()
W
ELECTRICAL CHARACTERISTICS
TEST CIRCUIT
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44(0)1460 230000 Fax: +44(0)1460 230001 Email: sales@euroquartz.co.uk www.euroquartz.co.uk


Similar Part No. - LTS455HTW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTS455HTW ETC2-LTS455HTW Datasheet
142Kb / 4P
   Ceramic Filter
More results

Similar Description - LTS455HTW

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com