Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0106RGYRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TXB0106RGYRG4
Description  6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXB0106RGYRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TXB0106RGYRG4 Datasheet HTML 6Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 7Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 8Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 9Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 10Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 11Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 12Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 13Page - Texas Instruments TXB0106RGYRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IIN
VIN
VT/4 k
–(VD – VT)/4 k
Power Up
Enable and Disable
Pullup or Pulldown Resistors on I/O Lines
TXB0106
SCES709 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
A.
VT is the input threshold voltage of the TXB0106 (typically VCCI/ 2).
B.
VD is the supply voltage of the external driver.
Figure 2. Typical IIN vs VIN Curve
During operation, ensure that VCCA ≤ VCCB at all times. During power-up sequencing, VCCA ≥ VCCB does not
damage the device, so any power supply can be ramped up first. The TXB0106 has circuitry that disables all
output ports when either VCC is switched off (VCCA/B = 0 V).
The TXB0106 has an OE input that is used to disable the device by setting OE = low, which places all I/Os in the
high-impedance (Hi-Z) state. The disable time (tdis) indicates the delay between when OE goes low and when the
outputs actually get disabled (Hi-Z). The enable time (ten) indicates the amount of time the user must allow for the
one-shot circuitry to become operational after OE is taken high.
The TXB0106 is designed to drive capacitive loads of up to 70 pF. The output drivers of the TXB0106 have low
dc drive strength. If pullup or pulldown resistors are connected externally to the data I/Os, their values must be
kept higher than 50 k
Ω to ensure that they do not contend with the output drivers of the TXB0106.
For the same reason, the TXB0106 should not be used in applications such as I2C or 1-Wire where an
open-drain driver is connected on the bidirectional data I/O. For these applications, use a device from the TI
TXS01xx series of level translators.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TXB0106


Similar Part No. - TXB0106RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106RGYRG4 TI-TXB0106RGYRG4 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0106RGYRG4 TI1-TXB0106RGYRG4 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
More results

Similar Description - TXB0106RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0106 TI-TXB0106_10 Datasheet
568Kb / 19P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_10 Datasheet
653Kb / 22P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102_10 Datasheet
460Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102_101 TI-TXB0102_101 Datasheet
441Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101_08 Datasheet
838Kb / 22P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0101 TI-TXB0101 Datasheet
489Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0102 TI-TXB0102 Datasheet
425Kb / 17P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108 Datasheet
294Kb / 16P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0108 TI-TXB0108_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and 짹15-kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com