Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3224 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3224
Description  1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3224 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3224_08 Datasheet HTML 5Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 6Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 7Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 8Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 9Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 10Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 11Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 12Page - Maxim Integrated Products MAX3224_08 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
RS-232 Receivers
The receivers convert RS-232 signals to CMOS-logic
output levels. The MAX3224–MAX3227 feature inverting
outputs that always remain active (Table 1). The
MAX3244/MAX3245 have inverting three-state outputs
that are high impedance when shut down (
FORCEOFF
= GND) (Table 1).
The MAX3244/MAX3245 feature an extra, always
active, noninverting output, R2OUTB. R2OUTB output
monitors receiver activity while the other receivers are
high impedance, allowing Ring Indicator applications to
be monitored without forward biasing other devices
connected to the receiver outputs. This is ideal for sys-
tems where VCC is set to ground in shutdown to
accommodate peripherals such as UARTs (Figure 2).
The MAX3224–MAX3227/MAX3244/MAX3245 feature
an
INVALID output that is enabled low when no valid
RS-232 voltage levels have been detected on all receiv-
er inputs. Because
INVALID indicates the receiver
input’s condition, it is independent of FORCEON and
FORCEOFF states (Figures 3 and 4).
AutoShutdown Plus Mode
The MAX3224–MAX3227/MAX3244/MAX3245 achieve a
1µA supply current with Maxim’s AutoShutdown
Plusfeature, which operates when
FORCEOFF is high
and a FORCEON is low. When these devices do not
sense a valid signal transition on any receiver and trans-
mitter input for 30sec, the on-board charge pumps are
shut down, reducing supply current to 1µA. This occurs
if the RS-232 cable is disconnected or if the connected
1µA Supply Current, 1Mbps, 3.0V to 5.5V,
RS-232 Transceivers with AutoShutdown Plus
_______________________________________________________________________________________
9
Table 1. Output Control Truth Table
OPERATION
STATUS
FORCEON
FORCEOFF
VALID
RECEIVER
LEVEL
RECEIVER OR
TRANSMITTER
EDGE WITHIN
30sec
T_OUT
R_OUT
(MAX3224/
MAX3225/
MAX3226/
MAX3227)
R_OUT
(MAX3244/
MAX3245)
R2OUTB
(MAX3244/
MAX3245)
Shutdown
(Forced Off)
X
0
X
X
High-Z
Active
High-Z
Active
Normal
Operation
(Forced On)
1
1
X
X
Active
Active
Active
Active
Normal
Operation
(AutoShutdown
Plus)
0
1
X
Yes
Active
Active
Active
Active
Shutdown (Auto-
Shutdown Plus)
0
1
X
No
High-Z
Active
Active
Active
Normal
Operation
INVALID*
1
Yes
X
Active
Active
Active
Active
Normal
Operation
INVALID*
1
X
Yes
Active
Active
Active
Active
Shutdown
INVALID*
1
No
No
High-Z
Active
Active
Active
Normal
Operation
(AutoShutdown)
INVALID*
INVALID**
Yes
X
Active
Active
Active
Active
Shutdown
(AutoShutdown)
INVALID*
INVALID**
No
X
High-Z
Active
High-Z
Active
X = Don’t care
*
INVALID connected to FORCEON
**
INVALID connected to FORCEON and FORCEOFF


Similar Part No. - MAX3224_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224CAP MAXIM-MAX3224CAP Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3224CAP MAXIM-MAX3224CAP Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3224CAP++ MAXIM-MAX3224CAP+ Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224CAP++ MAXIM-MAX3224CAP+ Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224CPP MAXIM-MAX3224CPP Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
More results

Similar Description - MAX3224_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3224 MAXIM-MAX3224_14 Datasheet
430Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3224 MAXIM-MAX3224_11 Datasheet
251Kb / 19P
   1μA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 5; 2/11
MAX3244EEAI MAXIM-MAX3244EEAI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224 MAXIM-MAX3224 Datasheet
235Kb / 20P
   1uA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 1; 3/98
MAX3245EEUI MAXIM-MAX3245EEUI Datasheet
958Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E_14 Datasheet
454Kb / 21P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3224E MAXIM-MAX3224E Datasheet
243Kb / 20P
   ±15kV ESD-Protected, 1μA, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers with AutoShutdown Plus
Rev 10; 3/11
MAX3227EEAE MAXIM-MAX3227EEAE Datasheet
942Kb / 19P
   1muA Supply Current, 1Mbps, 3.0V to 5.5V, RS-232 Transceivers
Rev 5; 2/11
MAX3221 MAXIM-MAX3221_03 Datasheet
454Kb / 16P
   1μA Supply-Current, True 3V to 5.5V RS-232 Transceivers with AutoShutdown
Rev 8; 10/03
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
   ±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com