Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1718T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1718T
Description  Notebook CPU Step-Down Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1718T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1718T_08 Datasheet HTML 7Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 8Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 9Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 10Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 11Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 12Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 13Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 14Page - Maxim Integrated Products MAX1718T_08 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Notebook CPU Step-Down Controller
______________________________________________________________________________________
11
VCC
VCC
5V INPUT
BATT 7V TO 24V
POWER-GOOD
OUTPUT
L1
0.68
μH
SKP/SDN
TON
1
10
C7
1
μF
2
3
25
24
23
22
26
28
27
16
15
4
5
13
14
20
9
17
OUTPUT
0.6V TO 1.75V
D1
CMPSH-3
D2
CENTRAL
SEMICONDUCTOR
CMSH5-40
C1
1
μF
C3
0.1
μF
C5
0.22
μF
C6
47pF
IRF7811A
Q1
FDS7764A
Q2
R5
100k
Ω
2x
2x
C2, 25V, X5R
5 x 10
μF
C4
6 x 270
μF, 2V
PANASONIC SP
EEFUE0D271R
R1
20
Ω
D0
D1
D2
SHUTDOWN
DL
LX
V+
DH
BST
GND
FB
NEG
POS
VGATE
OVP
VDD
MAX1718T
6
11
12
5V
D3
21
D4
8 S1
7 S0
18 SUS
19
MUX CONTROL
SUSPEND
INPUT
DECODER
ZMODE
TIME
CC
REF
ILIM
R4
62k
Ω
R3
100k
Ω
R2
100k
Ω
R7
4.75k
Ω
R6
511k
Ω
R8
0.004
Ω
REF
R19
27.4k
Ω
R18
24.9k
Ω
SUMIDA
CEP125#4712-TO11
Figure 1. Standard Application Circuit


Similar Part No. - MAX1718T_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1718TEEI MAXIM-MAX1718TEEI Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
More results

Similar Description - MAX1718T_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718 MAXIM-MAX1718 Datasheet
700Kb / 35P
   Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning IMVP-II
19-1960; Rev 3; 8/02
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1636 MAXIM-MAX1636 Datasheet
219Kb / 24P
   Low-Voltage, Precision Step-Down Controller for Portable CPU Power
19-1268; Rev 0; 8/97
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com