Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73701DRBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73701DRBR
Description  1A Low-Dropout Regulator with Reverse Current Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701DRBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73701DRBR Datasheet HTML 2Page - Texas Instruments TPS73701DRBR Datasheet HTML 3Page - Texas Instruments TPS73701DRBR Datasheet HTML 4Page - Texas Instruments TPS73701DRBR Datasheet HTML 5Page - Texas Instruments TPS73701DRBR Datasheet HTML 6Page - Texas Instruments TPS73701DRBR Datasheet HTML 7Page - Texas Instruments TPS73701DRBR Datasheet HTML 8Page - Texas Instruments TPS73701DRBR Datasheet HTML 9Page - Texas Instruments TPS73701DRBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TYPICAL CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
0
100
200
300
400
500
600
700
800
900 1000
I
(mA)
OUT
ReferredtoI
=10mA
OUT
-40 C
°
+125 C
°
+25 C
°
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
V
V
-
(V)
IN
OUT
+125 C
°
+25 C
°
-
°
40 C
ReferredtoV
=V
+1.0VatI
=10mA
IN
OUT
OUT
200
180
160
140
120
100
80
60
40
20
0
0
100
200
300
400
500
600
700
800
900 1000
I
(mA)
OUT
+125°C
+25°C
V
=2.5V
OUT
-40 C
°
200
180
160
140
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
150
Temperature( C)
°
125
30
25
20
15
10
5
0
V
Error (%)
OUT
I
=10mA
OUT
18
16
14
12
10
8
6
4
2
0
WorstCasedV
/dT(ppm/°C)
OUT
I
=10mA
OUT
TPS737xx
SBVS067H – JANUARY 2006 – REVISED MAY 2008 ....................................................................................................................................................... www.ti.com
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0V, IOUT = 10mA, VEN = 2.2V, and COUT = 2.2µF, unless otherwise
noted.
LOAD REGULATION
LINE REGULATION
Figure 3.
Figure 4.
DROPOUT VOLTAGE vs OUTPUT CURRENT
DROPOUT VOLTAGE vs TEMPERATURE
Figure 5.
Figure 6.
OUTPUT VOLTAGE HISTOGRAM
DROPOUT VOLTAGE DRIFT HISTOGRAM
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated


Similar Part No. - TPS73701DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701DRBR TI-TPS73701DRBR Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DRBR TI1-TPS73701DRBR Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DRBR TI1-TPS73701DRBR Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73701DRBR TI-TPS73701DRBR Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73701DRBR TI1-TPS73701DRBR Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS73701DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI-TPS73701 Datasheet
697Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
logo
Texas Instruments
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com