Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71918-12DRVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71918-12DRVR
Description  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71918-12DRVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS71918-12DRVR Datasheet HTML 2Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 3Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 4Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 5Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 6Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 7Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 8Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 9Page - Texas Instruments TPS71918-12DRVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TYPICAL CHARACTERISTICS
4
3
2
1
0
1
2
3
4
-
-
-
-
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
I
=5mA
OUT
T =+25 C
J
°
T =+85 C
J
°
T =+125 C
J
°
T =
0 C
J
-4 °
0
1
2
3
4
5
-
-
-
-
-
T =+85 C
J
°
T =+125 C
J
°
T =+25 C
J
°
T = 40 C
J
-
°
I
=200mA
OUT
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
4
2
0
2
4
6
8
10
-
-
-
-
-
I
(mA)
OUT
0
5
1
2
3
4
T =+85 C
J
°
T =+125 C
J
°
T =+25 C
J
°
T = 40 C
J
-
°
5
0
5
10
15
20
25
30
35
40
-
-
-
-
-
-
-
-
0
50
100
150
200
I
(mA)
OUT
T =+125 C
J
T =+85 C
T =+25 C
T = 40 C
J
J
J
-
°
°
°
°
2.805
2.800
2.795
2.790
2.785
2.780
2.775
2.770
2.765
2.760
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
I
=5mA
OUT
I
=0.1mA
OUT
I
=200mA
OUT
350
300
250
200
150
100
50
0
0
100
200
I
(mA)
OUT
50
150
T =+125 C
J
°
T =+85 C
J
°
T =+25 C
J
°
T = 40 C
-
J
°
TPS718xx
TPS719xx
SBVS088C – FEBRUARY 2007 – REVISED MAY 2008..................................................................................................................................................... www.ti.com
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN1 = VEN2 = VIN, COUT = 1.0µF, unless otherwise noted. Typical values are at TJ = +25°C.
LINE REGULATION
LINE REGULATION
Figure 2.
Figure 3.
LOAD REGULATION UNDER LIGHT LOADS
LOAD REGULATION
Figure 4.
Figure 5.
OUTPUT VOLTAGE vs
DROPOUT VOLTAGE vs
TEMPERATURE
OUTPUT CURRENT
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS718xx TPS719xx


Similar Part No. - TPS71918-12DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71918-12DRVR TI-TPS71918-12DRVR Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI1-TPS71918-12DRVR Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI1-TPS71918-12DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI1-TPS71918-12DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVRG4 TI-TPS71918-12DRVRG4 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results

Similar Description - TPS71918-12DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com