Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4404 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS4404
Description  Two/Four-Channel, I2C Adjustable Current DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4404 Datasheet(HTML) 8 Page - Maxim Integrated Products

  DS4404 Datasheet HTML 1Page - Maxim Integrated Products DS4404 Datasheet HTML 2Page - Maxim Integrated Products DS4404 Datasheet HTML 3Page - Maxim Integrated Products DS4404 Datasheet HTML 4Page - Maxim Integrated Products DS4404 Datasheet HTML 5Page - Maxim Integrated Products DS4404 Datasheet HTML 6Page - Maxim Integrated Products DS4404 Datasheet HTML 7Page - Maxim Integrated Products DS4404 Datasheet HTML 8Page - Maxim Integrated Products DS4404 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Two/Four-Channel, I2C Adjustable Current DAC
8
______________________________________________________________________
Applications Information
Example Calculations
for an Adjustable Power Supply
Using the typical circuit, assuming a typical output volt-
age of 2.0V, a feedback voltage of 0.8V, R1 = 500
Ω,
and R2 = 333
Ω, to adjust or margin the supply 20%
requires a full-scale current equal to [(0.2 x 2.0V) /
500
Ω = 800µA]. Using Equation 1, RFS can be calculat-
ed [RFS = (VREF / 800µA) x (31 / 4) = 11.9k
Ω]. The cur-
rent DAC in this configuration allows the output voltage
to be stepped linearly from 1.6V to 2.4V using 63 set-
tings. This corresponds to a resolution of 12.7mV/step.
Power-Supply Feedback Voltage
The feedback voltage for adjustable power supplies
must be between 0.5V and VCC - 0.5V for the DS4402/
DS4404 to properly sink/source currents for adjusting
the voltage.
I2C Reset on Address Change
In addition to defining the I2C slave address, the DS4402/
DS4404 address select inputs have an alternate function.
Changing the address select inputs resets the I2C inter-
face. This function aborts the current transaction and puts
the SDA driver into a high-impedance state. This hard-
ware reset function should never be required because it
is achievable through software, but it does provide an
alternative way of resetting the I2C interface, if needed.
VCC Decoupling
To achieve the best results when using the DS4402/
DS4404, decouple the power supply with a 0.01µF or
0.1µF capacitor. Use a high-quality ceramic surface-
mount capacitor if possible. Surface-mount compo-
nents minimize lead inductance, which improves
performance, and ceramic capacitors tend to have
adequate high-frequency response for decoupling
applications.
Layout Considerations
Care should be taken to ensure that traces underneath
the DS4402/DS4404 do not short with the exposed pad.
The exposed pad should be connected to the signal
ground, or can be left floating.
SLAVE
ADDRESS*
START
START
a7
a6
a5
a4
a3
a2
a1
R/W
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
MSB
LSB
MSB
LSB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
READ/
WRITE
REGISTER/MEMORY ADDRESS
b7
b6
b5
b4
b3
b2
b1
b0
DATA
STOP
SINGLE BYTE WRITE
-WRITE RESISTOR
F9h TO 00h
SINGLE BYTE READ
-READ RESISTOR F8h
START
REPEATED
START
A1h
MASTER
NACK
STOP
1 0100000
11111 000
F8h
10100 001
1 0100000
11111 001
A0h
F9h
STOP
DATA
EXAMPLE I2C TRANSACTIONS (WHEN A0 AND A1 ARE N.C.)
TYPICAL I2C WRITE TRANSACTION
*THE SLAVE ADDRESS IS DETERMINED BY ADDRESS PINS A0 AND A1 (SEE TABLE 1).
00 000 000
A0h
A)
B)
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
SLAVE
ACK
Figure 4. I2C Communication Examples
Chip Information
TRANSISTOR COUNT: 10,992
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
14 TDFN-EP
T1433+1
21-0137


Similar Part No. - DS4404

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4404 DALLAS-DS4404 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4404 MAXIM-DS4404 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
DS4404 MAXIM-DS4404 Datasheet
693Kb / 10P
   Fully Assembled and Tested
Rev 0; 4/14
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
   SAFETY ISOLATING TRANSFORMER
logo
Maxim Integrated Produc...
DS4404EVKIT MAXIM-DS4404EVKIT Datasheet
693Kb / 10P
   Fully Assembled and Tested
Rev 0; 4/14
More results

Similar Description - DS4404

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4422 MAXIM-DS4422_09 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
logo
Analog Devices
ADAU1772 AD-ADAU1772 Datasheet
6Mb / 117P
   Four ADC, Two DAC Low Power Codec
ADAU1777 AD-ADAU1777_17 Datasheet
1Mb / 109P
   Four-ADC, Two-DAC, Low Power Codec
logo
Exar Corporation
XRP7620 EXAR-XRP7620 Datasheet
509Kb / 11P
   4-Channel Adjustable Current I2C Controlled LED Driver
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com