Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4412 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS4412
Description  Dual-Channel, I2C Adjustable Sink/Source Current DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4412 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS4412 Datasheet HTML 2Page - Maxim Integrated Products DS4412 Datasheet HTML 3Page - Maxim Integrated Products DS4412 Datasheet HTML 4Page - Maxim Integrated Products DS4412 Datasheet HTML 5Page - Maxim Integrated Products DS4412 Datasheet HTML 6Page - Maxim Integrated Products DS4412 Datasheet HTML 7Page - Maxim Integrated Products DS4412 Datasheet HTML 8Page - Maxim Integrated Products DS4412 Datasheet HTML 9Page - Maxim Integrated Products DS4412 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Dual-Channel, I2C Adjustable
Sink/Source Current DAC
_______________________________________________________________________________________
9
Applications Information
Example Calculation
for an Adjustable Power Supply
In this example, the Typical Operating Circuit is used
as a base to create Figure 3, a 2.0V voltage supply with
±20% margin. The adjustable power supply has a
DC-DC converter output voltage, VOUT, of 2.0V and a
DC-DC converter feedback voltage, VFB, of 0.8V. To
determine the relationship of R0A and R0B, we start with
the equation:
Substituting VFB = 0.8V and VOUT = 2.0V, the relation-
ship between R0A and R0B is determined to be:
R0A = 1.5 x R0B
IOUT0 is chosen to be 1mA (midrange source/sink cur-
rent for the DS4412). Summing the currents into the
feedback node, we have the following
Where:
And
To create a 20% margin in the supply voltage, the value
of VOUT is set to 2.4V. With these values in place, R0B is
calculated to be 267
Ω, and R0A is calculated to be 400Ω.
The current DAC in this configuration allows the output
voltage to be moved linearly from 1.6V to 2.4V using 15
settings. This corresponds to a resolution of 25.8mV/step.
VCC Decoupling
To achieve the best results when using the DS4412,
decouple the power supply with a 0.01µF or 0.1µF
capacitor. Use a high-quality ceramic surface-mount
capacitor if possible. Surface-mount components mini-
mize lead inductance, which improves performance,
and ceramic capacitors tend to have adequate high-
frequency response for decoupling applications.
I
VV
R
RA
OUT
FB
A
0
0
=
I
V
R
RB
FB
B
0
0
=
II
I
OUT
R B
R A
00
0
=
V
R
RR
V
FB
B
AB
OUT
=
+
×
0
00
DC-DC
CONVERTER
FB
OUT
SDA
SCL
OUT0
GND
RFS0 = 4.612k
Ω
4.7k
Ω
4.7k
Ω
VCC
VCC
VOUT = 2.0V
FS0
R0B = 267
Ω
R0A = 400
Ω
VFB = 0.8V
IR0A
IR0B
IOUT0
DS4412
Figure 3. Example Application Circuit
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 µSOP
U8+1
21-0036
Package Information
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages.


Similar Part No. - DS4412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4412U MAXIM-DS4412U Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4412UR MAXIM-DS4412UR Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4412UT MAXIM-DS4412UT Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
More results

Similar Description - DS4412

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
DS4422 MAXIM-DS4422_09 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
logo
Nuvoton Technology Corp...
NCT3933U NUVOTON-NCT3933U Datasheet
819Kb / 24P
   3-Channel, SMBusTM, 7-Bit Sink/Source Current DAC
June, 2013 Revision A2
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com