Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2777 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2777
Description  2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2777 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2777 Datasheet HTML 2Page - Maxim Integrated Products DS2777 Datasheet HTML 3Page - Maxim Integrated Products DS2777 Datasheet HTML 4Page - Maxim Integrated Products DS2777 Datasheet HTML 5Page - Maxim Integrated Products DS2777 Datasheet HTML 6Page - Maxim Integrated Products DS2777 Datasheet HTML 7Page - Maxim Integrated Products DS2777 Datasheet HTML 8Page - Maxim Integrated Products DS2777 Datasheet HTML 9Page - Maxim Integrated Products DS2777 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
2-Cell, Stand-Alone, Li+ Fuel-Gauge IC with
Protector and Optional SHA-1 Authentication
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
DISCHARGE-OVERCURRENT
PROTECTION DELAY
DS2775/6/7/8 toc01
DC FET
GATE
2V/div
2V/div
0V
0V
0V
0V
1V/div
20mV/div
DC FET
SOURCE
VGS
VSNS 25m
Ω
SENSE RESISTOR
WITH DISCHARGE-
OVERCURRENT
THRESHOLD = 38mV
TIME (ms)
18
16
14
12
10
8
6
4
2
020
CC FET GATE TURN-OFF DURING
CHARGE-OVERCURRENT EVENT
DS2775/6/7/8 toc02
CC FET
GATE
2V/div
2V/div
0V
0V
0V
0V
1V/div
20mV/div
CC FET
SOURCE
VGS CC FET
VSNS 25m
Ω
SENSE RESISTOR
WITH CHARGE-
OVERCURRENT
THRESHOLD = 25mV
TIME (
μs)
45
40
35
30
25
20
15
10
5
050
DC FET GATE TURN-OFF DURING
SHORT-CIRCUIT EVENT
DS2775/6/7/8 toc03
DC FET
GATE
2V/div
0V
0V
0V
0V
2V/div
1V/div
50mV/div
DC FET
SOURCE
VGS DC FET
VSNS 25m
Ω
SENSE RESISTOR
WITH SHORT-CIRCUIT
THRESHOLD = 150mV
TIME (
μs)
18
16
14
12
10
8
6
4
2
020
SHORT-CIRCUIT PROTECTION
DELAY
DS2775/6/7/8 toc04
DC FET
GATE
2V/div
0V
0V
0V
0V
2V/div
1V/div
100mV/div
DC FET
SOURCE
VGS DC FET
VSNS 25m
Ω
SENSE RESISTOR
WITH SHORT-CIRCUIT
THRESHOLD = 150mV
TIME (
μs)
180
160
140
120
100
80
60
40
20
0
200
VOLTAGE MEASUREMENT
ACCURACY
VINX (V)
4
3
2
1
2
4
6
8
10
12
14
16
18
20
0
0
+70
°C
-20
°C
+25
°C
CHARGE-PUMP STARTUP EXITING SLEEP
MODE (VDD = 8V NO LOAD ON PK+)
DS2775/6/7/8 toc06
TIME (ms)
90
80
10 20 30
50 60
40
70
0
2
3
4
5
6
7
8
-2
0
100
2.75V
12.6V


Similar Part No. - DS2777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2777 MAXIM-DS2777 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2777 MAXIM-DS2777 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2777G MAXIM-DS2777G Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2777G++ MAXIM-DS2777G+ Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2777G++ MAXIM-DS2777G+ Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
More results

Similar Description - DS2777

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com