Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2777G+TR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2777G+TR
Description  2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2777G+TR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2777G+TR Datasheet HTML 1Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 2Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 3Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 4Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 5Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 6Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 7Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 8Page - Maxim Integrated Products DS2777G+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
2-Cell, Stand-Alone, Li+ Fuel-Gauge IC with
Protector and Optional SHA-1 Authentication
4
_______________________________________________________________________________________
EEPROM RELIABILITY SPECIFICATION
(VDD = +4.0V to +9.2V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Copy Time
tEEC
10
ms
EEPROM Copy Endurance
NEEC
TA = +50°C
50,000
Cycles
ELECTRICAL CHARACTERISTICS: 1-Wire INTERFACE, STANDARD (DS2775/DS2776 ONLY)
(VDD = +4.0V to +9.2V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time Slot
tSLOT
60
120
μs
Recovery Time
tREC
1
μs
Write-Zero Low Time
tLOW0
60
120
μs
Write-One Low Time
tLOW1
1
15
μs
Read Data Valid
tRDV
15
μs
Reset Time High
tRSTH
480
μs
Reset Time Low
tRSTL
480
960
μs
Presence-Detect High
tPDH
15
60
μs
Presence-Detect Low
tPDL
60
240
μs
ELECTRICAL CHARACTERISTICS: 1-Wire INTERFACE, OVERDRIVE (DS2775/DS2776 ONLY)
(VDD = +4.0V to +9.2V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time Slot
tSLOT
6
16
μs
Recovery Time
tREC
1
μs
Write-Zero Low Time
tLOW0
6
16
μs
Write-One Low Time
tLOW1
1
2
μs
Read Data Valid
tRDV
2
μs
Reset Time High
tRSTH
48
μs
Reset Time Low
tRSTL
48
80
μs
Presence-Detect High
tPDH
2
6
μs
Presence-Detect Low
tPDL
8
24
μs


Similar Part No. - DS2777G+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2777G+TR MAXIM-DS2777G+TR Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2777G+TR MAXIM-DS2777G+TR Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2777G+TR MAXIM-DS2777G+TR Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results

Similar Description - DS2777G+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com