Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2711E+TR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2711E+TR
Description  Loose Cell NiMH Chargers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2711E+TR Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2711E+TR Datasheet HTML 1Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 2Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 3Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 4Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 5Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 6Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 7Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 8Page - Maxim Integrated Products DS2711E+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
3 of 15
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Logic-High,
DMSEL, LED2
VIH
(Note 1)
VDD -
0.2V
V
Input Logic-Low, DMSEL,
LED2
VIL
(Note 1)
0.2
V
Input Leakage Current,
DMSEL
IIL1
After power-up mode
select,
DMSEL = VDD or VSS
-1
+1
μA
Threshold Voltage, Cell
Test
VCTST
RCTST = 80kΩ
85
100
115
mV
Threshold Voltage, Cell
Voltage Low
VBAT-LOW
CC1 = CC2 = high-Z
(Note 4)
0.9
1.0
1.1
V
Threshold Voltage, Cell
Voltage Max1
VBAT-MAX1
CC1 = CC2 = high-Z
(Note 4)
1.55
1.65
1.75
V
Threshold Voltage, Cell
Voltage Max2
VBAT-MAX2
CC1, CC2 active
(Note 4)
1.64
1.75
1.86
V
Threshold Voltage Delta
VBAT-MAXΔ
VBAT-MAX2 - VBAT-MAX1
(Note 5)
90
100
110
mV
Threshold Voltage,
Thermistor - Min
VTHM-MIN
(Notes 1, 4, 6)
VDD x
0.73
V
Threshold Voltage,
Thermistor - Max
VTHM-MAX
(Notes 1, 4, 6)
0.30
VDD x
0.33
0.36
V
Threshold Voltage,
Thermistor - Stop
VTHM-STOP
(Notes 1, 4, 6)
VDD x
0.29
V
Threshold Current, TMR
Pin Suspend
ITMR-SUS
0.1
0.5
μA
Presence Test Current,
VP1, VP2
IPTST
Parallel: VDD ≥ 4.0V,
Series: VDD ≥ 4.5V
10
15
μA
Reverse Leakage
Current, VP1, VP2
ILKGR
VDD = 0V, VP1 = 1.5V,
VP2 = 3.0V
2
μA
125
mV
Current-Sense Reference
Voltage
VIREF
(Note 1, 4, 7)
-6%
+6%
%
Gain, Current-Sense
Error Amp
GM
DS2711 (Note 8)
0.9
1.5
Ω-1
Gain, Current-Sense
Comparator
GM
DS2712 (Note 8)
10
Ω-1
Propagation Time,
Current-Sense
Comparator
tPDLY
DS2712, 2mV
over/underdrive
0.25
μs
Hysteresis, Current-
Sense Comparator
VHYS-COMP
DS2712
22
24
26
mV
ELECTRICAL CHARACTERISTICS: TIMING
(4.0V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Timebase Period
tBASE
0.96
s
Internal Timebase
Accuracy
-10
+10
%
Duty Factor, Series Fast
Charge
CC1
0.969
Duty Factor, Series
Precharge/Top-Off
CC1
0.250
Duty Factor, Parallel Fast
Charge
CC1, CC2
0.484


Similar Part No. - DS2711E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711E+T MAXIM-DS2711E+T Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
More results

Similar Description - DS2711E+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711_11 Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Maxim Integrated Produc...
MAX1925 MAXIM-MAX1925 Datasheet
443Kb / 16P
   Switch-Mode 1-Cell Li Chargers
Rev 1; 10/02
logo
NXP Semiconductors
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com