Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2413Q+TR Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2413Q+TR
Description  1-Wire Dual Channel Addressable Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2413Q+TR Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2413Q+TR Datasheet HTML 5Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 6Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 7Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 8Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 9Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 10Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 11Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 12Page - Maxim Integrated Products DS2413Q+TR Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS2413: 1-Wire Dual Channel Addressable Switch
9 of 18
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be
left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16µs
(Overdrive speed) or more than 120µs (standard speed), one or more devices on the bus may be reset.
Figure 9. Hardware Configuration
Open Drain
Port Pin
RX = RECEIVE
TX = TRANSMIT
100
Ω
MOSFET
VPUP
RX
TX
TX
RX
DATA
RPUP
IL
BUS MASTER
DS2413 1-Wire PORT
TRANSACTION SEQUENCE
The protocol for accessing the DS2413 through the 1-Wire port is as follows:
Initialization
ROM Function Command
PIO Function Command
Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a
reset pulse transmitted by the bus master followed by presence pulse(s) transmitted by the slave(s). The presence
pulse lets the bus master know that the DS2413 is on the bus and is ready to operate. For more details, see the 1-
Wire Signaling section.
1-Wire ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the seven ROM function commands that the
DS2413 supports. All ROM function commands are 8 bits long. A list of these commands follows (refer to the flow
chart in Figure 10).
READ ROM [33h]
This command allows the bus master to read the DS2413’s 8-bit family code, unique 48-bit serial number, and 8-bit
CRC. This command can only be used if there is a single slave on the bus. If more than one slave is present on the
bus, a data collision occurs when all slaves try to transmit at the same time (open drain produces a wired-AND
result). The resultant family code and 48-bit serial number result in a mismatch of the CRC.
MATCH ROM [55h]
The Match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a specific
DS2413 on a multidrop bus. Only the DS2413 that exactly matches the 64-bit ROM sequence, including the
external address, responds to the following PIO Function command. All other slaves wait for a reset pulse. This
command can be used with a single or multiple devices on the bus.


Similar Part No. - DS2413Q+TR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DS2413Q AD-DS2413Q Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
More results

Similar Description - DS2413Q+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_1 Datasheet
248Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 112007
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
   1-Wire 8-Channel Addressable Switch
12/10
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2408 MAXIM-DS2408 Datasheet
1Mb / 36P
   1-Wire 8-Channel Addressable Switch
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com