Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1742W-120 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1742W-120
Description  Y2KC Nonvolatile Timekeeping RAMwww.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1742W-120 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1742W-120 Datasheet HTML 5Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 6Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 7Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 8Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 9Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 10Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 11Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 12Page - Maxim Integrated Products DS1742W-120 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS1742
9 of 16
AC CHARACTERISTICS—READ CYCLE (3.3V)
(VCC = 3.3V ±10%, Over the operating range.)
120ns
ACCESS
150ns
ACCESS
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
Read Cycle Time
tRC
120
150
ns
Address Access Time
tAA
120
150
ns
CE
to DQ Low-Z
tCEL
5
5
ns
CE
Access Time
tCEA
120
150
ns
CE
Data Off time
tCEZ
40
50
ns
OE
to DQ Low-Z
tOEL
5
5
ns
OE
Access Time
tOEA
100
130
ns
OE
Data Off Time
tOEZ
35
35
ns
Output Hold from Address
tOH
5
5
ns
READ CYCLE TIMING DIAGRAM


Similar Part No. - DS1742W-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1742W-120 DALLAS-DS1742W-120 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742W-120++ MAXIM-DS1742W-120+ Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
More results

Similar Description - DS1742W-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com