Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS6148IRGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6148IRGZR
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6148IRGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS6148IRGZR Datasheet HTML 2Page - Texas Instruments ADS6148IRGZR Datasheet HTML 3Page - Texas Instruments ADS6148IRGZR Datasheet HTML 4Page - Texas Instruments ADS6148IRGZR Datasheet HTML 5Page - Texas Instruments ADS6148IRGZR Datasheet HTML 6Page - Texas Instruments ADS6148IRGZR Datasheet HTML 7Page - Texas Instruments ADS6148IRGZR Datasheet HTML 8Page - Texas Instruments ADS6148IRGZR Datasheet HTML 9Page - Texas Instruments ADS6148IRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
ELECTRICAL CHARACTERISTICS – ADS614X and ADS612X
ADS6149/ADS6129
ADS6148/ADS6128
SLWS211B – JULY 2008 – REVISED OCTOBER 2008 ..................................................................................................................................................... www.ti.com
Typical values are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1dBFS differential analog input, internal
reference mode unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 1.8 V
ADS6149/ADS6129
ADS6148/ADS6128
250 MSPS
210 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG INPUT
Differential input voltage range
2
2
VPP
Differential input resistance (at dc), See Figure 97
>1
>1
M
Differential input capacitance, See Figure 98
3.5
3.5
pF
Analog Input Bandwidth
700
700
MHz
Analog Input common mode current (per input pin)
2
2
µA/MSPS
VCM Common mode output voltage
1.5
1.5
V
VCM output current capability
±4
±4
mA
DC ACCURACY
Offset error
–15
±2
15
–15
±2
15
mV
Temperature coefficient of offset error
0.005
0.005
mV/°C
Variation of offset error with supply
0.3
0.3
mV/V
EGREF
Gain error due to internal reference inaccuracy alone
–1.25
±0.2
1.25
–1.25
±0.2
1.25
%FS
EGCHAN
Gain error of channel alone
0.2
0.2
%FS
Temperature coefficient of EGCHAN
.001
.001
Δ%/°C
POWER SUPPLY
IAVDD
Analog supply current
170
155
mA
Output buffer supply current, LVDS interface with 100
Ω external
70
65
mA
termination
IDRVDD
Output buffer supply current, CMOS interface Fin = 3 MHz(1),
56
48
mA
10-pF external load capacitance
Analog power
561
630
510
570
mW
Digital power LVDS interface
126
160
118
153
mW
Digital power CMOS interface, Fin = 3 MHz(2), 10-pF external
101
87
mW
load capacitance
Global power down
20
50
20
50
mW
Standby
120
120
mW
(1)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency and the
supply voltage (see Figure 91 and CMOS interface power dissipation in application section).
(2)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10 pF.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128


Similar Part No. - ADS6148IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6148IRGZR TI-ADS6148IRGZR Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148IRGZR TI-ADS6148IRGZR Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6148IRGZR TI1-ADS6148IRGZR Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results

Similar Description - ADS6148IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com