Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1307ZN+TR Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1307ZN+TR
Description  64 x 8, Serial, I2C Real-Time Clock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1307ZN+TR Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1307ZN+TR Datasheet HTML 4Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 5Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 6Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 7Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 8Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 9Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 10Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 11Page - Maxim Integrated Products DS1307ZN+TR Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS1307 64 x 8, Serial, I
2C Real-Time Clock
8 of 14
CLOCK AND CALENDAR
The time and calendar information is obtained by reading the appropriate register bytes. Table 2 shows the RTC
registers. The time and calendar are set or initialized by writing the appropriate register bytes. The contents of the
time and calendar registers are in the BCD format. The day-of-week register increments at midnight. Values that
correspond to the day of week are user-defined but must be sequential (i.e., if 1 equals Sunday, then 2 equals
Monday, and so on.) Illogical time and date entries result in undefined operation. Bit 7 of Register 0 is the clock halt
(CH) bit. When this bit is set to 1, the oscillator is disabled. When cleared to 0, the oscillator is enabled. On first
application of power to the device the time and date registers are typically reset to 01/01/00 01 00:00:00
(MM/DD/YY DOW HH:MM:SS). The CH bit in the seconds register will be set to a 1. The clock can be halted
whenever the timekeeping functions are not required, which minimizes current (IBATDR).
The DS1307 can be run in either 12-hour or 24-hour mode. Bit 6 of the hours register is defined as the 12-hour or
24-hour mode-select bit. When high, the 12-hour mode is selected. In the 12-hour mode, bit 5 is the AM/PM bit with
logic high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20 to 23 hours). The hours value must be
re-entered whenever the 12/24-hour mode bit is changed.
When reading or writing the time and date registers, secondary (user) buffers are used to prevent errors when the
internal registers update. When reading the time and date registers, the user buffers are synchronized to the
internal registers on any I
2C START. The time information is read from these secondary registers while the clock
continues to run. This eliminates the need to re-read the registers in case the internal registers update during a
read. The divider chain is reset whenever the seconds register is written. Write transfers occur on the I
2C
acknowledge from the DS1307. Once the divider chain is reset, to avoid rollover issues, the remaining time and
date registers must be written within one second.
Table 2. Timekeeper Registers
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00h
CH
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
12
10
Hour
02h
0
24
PM/
AM
10
Hour
Hours
Hours
1–12
+AM/PM
00–23
03h
0
0
0
0
0
DAY
Day
01–07
04h
0
0
10 Date
Date
Date
01–31
05h
0
0
0
10
Month
Month
Month
01–12
06h
10 Year
Year
Year
00–99
07h
OUT
0
0
SQWE
0
0
RS1
RS0
Control
08h–3Fh
RAM
56 x 8
00h–FFh
0 = Always reads back as 0.


Similar Part No. - DS1307ZN+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1307ZN+TR MAXIM-DS1307ZN+TR Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
More results

Similar Description - DS1307ZN+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1307 MAXIM-DS1307_06 Datasheet
668Kb / 15P
   64 x 8, Serial, I2C Real-Time Clock
REV: 121906
logo
Dallas Semiconductor
DS1307 DALLAS-DS1307 Datasheet
165Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Tiger Electronic Co.,Lt...
DS1307 TGS-DS1307 Datasheet
178Kb / 11P
   64 X 8 Serial Real Time Clock
logo
Dallas Semiconductor
DS1308 DALLAS-DS1308 Datasheet
225Kb / 14P
   64 X 8 Serial Real Time Clock
logo
Cypress Semiconductor
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I Datasheet
1Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com