Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS34T104GN Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS34T104GN
Description  Single/Dual/Quad/Octal TDM-over-Packet Chip
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS34T104GN Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS34T104GN Datasheet HTML 6Page - Maxim Integrated Products DS34T104GN Datasheet HTML 7Page - Maxim Integrated Products DS34T104GN Datasheet HTML 8Page - Maxim Integrated Products DS34T104GN Datasheet HTML 9Page - Maxim Integrated Products DS34T104GN Datasheet HTML 10Page - Maxim Integrated Products DS34T104GN Datasheet HTML 11Page - Maxim Integrated Products DS34T104GN Datasheet HTML 12Page - Maxim Integrated Products DS34T104GN Datasheet HTML 13Page - Maxim Integrated Products DS34T104GN Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ABRIDGED DATA SHEET
____________________________________________________ DS34T101, DS34T102, DS34T104, DS34T108
Rev: 101708
10 of 16
Ability to generate RAI (yellow alarm) according to the Japanese standard
T1 to E1 conversion
Framer/Formatter TDM Interface
Independent two-frame receive and transmit elastic stores
Independent control and clocking
Controlled slip capability with status
Support for T1-to-E1 conversion
Ability to pass the T1 F-bit position through the elastic stores in the 2.048MHz TDM mode
Hardware signaling capability
Receive signaling reinsertion
Availability of signaling in a separate signal pin
BERT testing to the system interface
TDM-over-Packet Block
Enables transport of TDM services (E1, T1, E3, T3, STS-1) or serial data over packet-switched networks
SAToP payload-type machine maps/demaps unframed E1/T1/E3/T3/STS-1 or serial data flows to/from IP,
MPLS or Ethernet packets according to ITU-T Y.1413, Y.1453, MEF 8, MFA 8.0.0 and IETF RFC 4553.
CESoPSN payload-type machine maps/demaps structured E1/T1 data flows to/from IP, MPLS or Ethernet
packets with static assignment of timeslots inside a bundle according to ITU-T Y.1413, Y.1453, MEF 8, MFA
8.0.0 and IETF RFC 5086.
AAL1 payload-type machine maps/demaps E1/T1/E3/T3/STS-1 or serial data flows to/from IP, MPLS or
Ethernet packets according to ITU-T Y.1413, MEF 8, MFA 4.1 and IETF RFC 5087. For E1/T1 it supports
structured mode with/without CAS using 8-bit timeslot resolution, while implementing static timeslot allocation.
For E1/T1, E3/T3/STS-1 or serial interface it supports unstructured mode.
HDLC payload-type machine maps/demaps HDLC-based E1/T1/serial flow to/from IP, MPLS or Ethernet
packets. It supports 2-, 7- and 8-bit timeslot resolution (i.e. 16, 56, and 64 kbps respectively), as well as N x 64
kbps bundles. This is useful in applications where HDLC-based signaling interpretation is required (such as
ISDN D channel signaling termination, V.51/2, or GR-303), or for trunking packet-based applications (such as
Frame Relay), according to IETF RFC 4618.
TDMoP TDM Interfaces
Supports single high-speed E3, T3 or STS-1 interface on port 1 or one (DS34T101), two (DS34T102), four
(DS34T104) or eight (DS34T108) E1, T1 or serial interfaces
For single high-speed E3, T3 or STS-1 interface, AAL1 or SAToP payload type is used
For E1 or T1 interfaces, the following modes are available:
o
Unframed – E1/T1 pass-through mode (AAL1, SAToP or HDLC payload type)
o
Structured – fractional E1/T1 support (all payloads)
o
Structured with CAS – fractional E1/T1 with CAS support (CESoPSN or AAL1 payload type)
For serial interfaces, the following modes are available:
o
Arbitrary continuous bit stream (using AAL1 or SAToP payload type)
o
Single-interface high-speed mode on port 1 up to STS-1 rate (51.84 Mbps) using a single
bundle/connection.
o
Low-speed mode with each interface operating at N x 64 kbps (N = 1 to 63) with an aggregate rate of
18.6Mbps
o
HDLC-based traffic (such as Frame Relay) at N x 64 kbps (N = 1 to 63) with an aggregate rate of
18.6Mbps).
All serial interface modes are capable of working with a gapped clock.
TDMoP Bundles
64 independent bundles, each can be assigned to any TDM interface


Similar Part No. - DS34T104GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34T104GN MAXIM-DS34T104GN Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34T104GN MAXIM-DS34T104GN Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34T104GN++ MAXIM-DS34T104GN+ Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34T104GN++ MAXIM-DS34T104GN+ Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
More results

Similar Description - DS34T104GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34S101 MAXIM-DS34S101 Datasheet
1Mb / 13P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101_09 Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
Dallas Semiconductor
DS3181 DALLAS-DS3181 Datasheet
3Mb / 400P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
logo
Maxim Integrated Produc...
DS3181 MAXIM-DS3181 Datasheet
3Mb / 389P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
REV: 061604
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
   Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com