Electronic Components Datasheet Search |
|
DS1388 Datasheet(PDF) 15 Page - Maxim Integrated Products |
|
DS1388 Datasheet(HTML) 15 Page - Maxim Integrated Products |
15 / 19 page Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes transferred between the START and the STOP conditions is not limited, and is determined by the master device. The information is transferred byte-wise and each receiver acknowledges with a ninth bit. Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge (ACK) after the reception of each byte. The master device must generate an extra clock pulse, which is associated with this acknowledge bit. The DS1388 does not generate any acknowledge bits if access to the EEPROM is attempted during an internal pro- gramming cycle. A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the SDA line is stable low during the high period of the acknowledge-related clock pulse. Of course, setup and hold times must be taken into account. A master must signal an end of data to the slave by generating a not-acknowledge (NACK) bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line high to enable the master to generate the STOP condition. Figures 7 and 8 detail how data transfer is accom- plished on the I2C bus. Depending upon the state of the R/W bit, two types of data transfer are possible: Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is the slave address. Next follows a number of data bytes. The slave returns an acknowledge bit after each received byte. Data are transferred with the most significant bit (MSB) first. Data transfer from a slave transmitter to a master receiver. The first byte (the slave address) is trans- mitted by the master. The slave then returns an acknowledge bit. Next follows a number of data bytes transmitted by the slave to the master. The master returns an acknowledge bit after all received bytes other than the last byte. At the end of the last received byte, a NACK is returned. The master device generates all the serial clock pulses and the START and STOP conditions. A trans- fer is ended with a STOP condition or with a repeat- ed START condition. Since a repeated START condition is also the beginning of the next serial transfer, the bus is not released. Data are transferred with the most significant bit (MSB) first. I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM ____________________________________________________________________ 15 SDA SCL IDLE 1–7 8 9 1–7 8 9 1–7 8 9 START CONDITION STOP CONDITION REPEATED START SLAVE ADDRESS R/W ACK ACK DATA ACK/ NACK DATA MSB FIRST MSB LSB MSB LSB REPEATED IF MORE BYTES ARE TRANSFERRED Figure 6. I2C Data Transfer Overview |
Similar Part No. - DS1388_08 |
|
Similar Description - DS1388_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |