Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1302+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1302+
Description  Trickle-Charge Timekeeping Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1302+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1302+ Datasheet HTML 1Page - Maxim Integrated Products DS1302+ Datasheet HTML 2Page - Maxim Integrated Products DS1302+ Datasheet HTML 3Page - Maxim Integrated Products DS1302+ Datasheet HTML 4Page - Maxim Integrated Products DS1302+ Datasheet HTML 5Page - Maxim Integrated Products DS1302+ Datasheet HTML 6Page - Maxim Integrated Products DS1302+ Datasheet HTML 7Page - Maxim Integrated Products DS1302+ Datasheet HTML 8Page - Maxim Integrated Products DS1302+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS1302 Trickle-Charge Timekeeping Chip
3 of 13
Figure 1. Block Diagram
POWER
CONTROL
v
CC1
v
CC2
GND
INPUT SHIFT
REGISTERS
I/O
SCLK
COMMAND AND
CONTROL LOGIC
REAL TIME
CLOCK
31 X 8 RAM
X1
X2
CE
1Hz
C
L
C
L
DS1302
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
ICC2T vs. VCC2T
5
10
15
20
25
30
2.03.0
4.05.0
VCC2 (V)
ICC1T vs. VCC1T
100
150
200
250
300
350
400
2.0
3.0
4.0
5.0
VCC1 (V)


Similar Part No. - DS1302+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302++ DALLAS-DS1302+ Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
More results

Similar Description - DS1302+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
   Trickle-charge IC for two-cell, lithium-ion batteries
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com