Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS34S102GN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS34S102GN
Description  Single/Dual/Quad/Octal TDM-over-Packet Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS34S102GN Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS34S102GN Datasheet HTML 1Page - Maxim Integrated Products DS34S102GN Datasheet HTML 2Page - Maxim Integrated Products DS34S102GN Datasheet HTML 3Page - Maxim Integrated Products DS34S102GN Datasheet HTML 4Page - Maxim Integrated Products DS34S102GN Datasheet HTML 5Page - Maxim Integrated Products DS34S102GN Datasheet HTML 6Page - Maxim Integrated Products DS34S102GN Datasheet HTML 7Page - Maxim Integrated Products DS34S102GN Datasheet HTML 8Page - Maxim Integrated Products DS34S102GN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ABRIDGED DATA SHEET
Rev: 101708
DS34S101, DS34S102, DS34S104, DS34S108
Single/Dual/Quad/Octal TDM-over-Packet Chip
General Description
These IETF PWE3 SAToP/CESoPSN/TDMoIP/HDLC
compliant devices allow up to eight E1, T1 or serial
streams or one high-speed E3, T3, STS-1 or serial
stream to be transported transparently over IP, MPLS
or Ethernet networks. Jitter and wander of recovered
clocks conform to G.823/G.824, G.8261, and TDM
specifications. TDM data is transported in up to 64
individually configurable bundles. All standards-
based TDM-over-packet mapping methods are
supported except AAL2. Frame-based serial HDLC
data flows are also supported. The high level of
integration available with the DS34S10x devices
minimizes cost, board space, and time to market.
Applications
TDM Circuit Extension Over PSN
o
Leased-Line Services Over PSN
o
TDM Over GPON/EPON
o
TDM Over Cable
o
TDM Over Wireless
Cellular Backhaul Over PSN
Multiservice Over Unified PSN
HDLC-Based Traffic Transport Over PSN
Functional Diagram
________________________________________________________ Maxim Integrated Products
1
Some revisions of this device may incorporate deviations from published specifications known as errata.
Multiple revisions of any device may be simultaneously available through various sales channels. For
information about device errata, go to: www.maxim-ic.com/errata. For pricing, delivery, and ordering
information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Features
Transport of E1, T1, E3, T3 or STS-1 TDM or
CBR Serial Signals Over Packet Networks
Full Support for These Mapping Methods:
SAToP, CESoPSN, TDMoIP (AAL1), HDLC,
Unstructured, Structured, Structured with CAS
Adaptive Clock Recovery, Common Clock,
External Clock and Loopback Timing Modes
On-Chip TDM Clock Recovery Machines, One
Per Port, Independently Configurable
Clock Recovery Algorithm Handles Network
PDV, Packet Loss, Constant Delay Changes,
Frequency Changes and Other Impairments
64 Independent Bundles/Connections
Multiprotocol Encapsulation Supports IPv4,
IPv6, UDP, RTP, L2TPv3, MPLS, Metro Ethernet
VLAN Support According to 802.1p and 802.1Q
10/100 Ethernet MAC Supports MII/RMII/SSMII
Selectable 32-Bit, 16-Bit or SPI Processor Bus
Operates from Only Two Clock Signals, One for
Clock Recovery and One for Packet Processing
Glueless SDRAM Buffer Management
Low-Power 1.8V Core, 3.3V I/O
See detailed feature list in Section 5 .
Ordering Information
PART
PORTS TEMP RANGE PIN-PACKAGE
DS34S101GN*
1
-40
°C to +85°C 256 TECSBGA
DS34S101GN+*
1
-40
°C to +85°C 256 TECSBGA
DS34S102GN*
2
-40
°C to +85°C 256 TECSBGA
DS34S102GN+*
2
-40
°C to +85°C 256 TECSBGA
DS34S104GN
4
-40
°C to +85°C 256 TECSBGA
DS34S104GN+
4
-40
°C to +85°C 256 TECSBGA
DS34S108GN
8
-40
°C to +85°C 484 HSBGA
DS34S108GN+
8
-40
°C to +85°C 484 HSBGA
+Denotes lead-free/RoHS-compliant package (explanation).
*Future product—contact factory for availability.
CPU
Bus
Clock Inputs
xMII
Interface
Buffer
Manager
Circuit
Emulation
Engine
Clock
Adapters
10/100
Ethernet
MAC
TDM
Interfaces
SDRAM
Interface
DS34S108


Similar Part No. - DS34S102GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34S102GN MAXIM-DS34S102GN Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS34S102GN++ MAXIM-DS34S102GN+ Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
More results

Similar Description - DS34S102GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34T101 MAXIM-DS34T101_08 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34T101 MAXIM-DS34T101_09 Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
Dallas Semiconductor
DS3181 DALLAS-DS3181 Datasheet
3Mb / 400P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
logo
Maxim Integrated Produc...
DS3181 MAXIM-DS3181 Datasheet
3Mb / 389P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
REV: 061604
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
   Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com