Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS33M31N Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS33M31N
Description  Ethernet Over SONET/SDH Mapper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS33M31N Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS33M31N Datasheet HTML 3Page - Maxim Integrated Products DS33M31N Datasheet HTML 4Page - Maxim Integrated Products DS33M31N Datasheet HTML 5Page - Maxim Integrated Products DS33M31N Datasheet HTML 6Page - Maxim Integrated Products DS33M31N Datasheet HTML 7Page - Maxim Integrated Products DS33M31N Datasheet HTML 8Page - Maxim Integrated Products DS33M31N Datasheet HTML 9Page - Maxim Integrated Products DS33M31N Datasheet HTML 10Page - Maxim Integrated Products DS33M31N Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
___________________________________________________ DS33M30/M31/M33 ABRIDGED DATA SHEET
Rev: 101508
7 of 20
1.3
SONET/SDH
1.3.1 STS-3/STM-1 SerDes
SerDes with clock recovery at 155.52Mbps interface for STS-3/STM-1 data stream
LVDS/LVPECL levels for glueless interconnect to 155.52Mbps optical transceiver device
1.3.2 STS-3/STM-1 Framer and Formatter
1.3.2.1 STS-3/STM-1 Formatter with Transport Overhead Insertion
User-configurable scrambling for transmit STS-3/STM-1 bit stream
User-configurable TOH bytes insertion for framing (A1, A2), Section trace (J0), Section BIP-8 (B1), Section
orderwire (E1), Section user channel (F1), Section Data Communication Channel (DCC) (D1-D3), STS-1
pointers (H1, H2, H3), Line BIP-8 (B2), automatic protection switching (APS) channel (K1, K2), Line DCC
(D4-D12), synchronization status message (S1), line Remote Error Indication (REI) (M1), and line
orderwire (E2). Note: B1 and B2 are configured as error masks
Automatic calculation and insertion of Section BIP-8 (B1) and Line BIP-8 (B2)
User configurable insertion of AIS-P, and AIS-L
Programmable generation of H1, H2, and H3 bytes as an error mask
All TOH bytes can be inserted from the associated transmit STS-3 transport overhead input port or
software accessible internal registers
Automatic or manual generation of line remote error indication (REI-L) and line remote defect indication
(RDI-L)
Programmable insertion of framing errors, B1 errors, B2 errors, and invalid pointer
Insertion of HDLC data stream into section DCC (D1-D3), line DCC (D4-D12), TOH DCC (D1-D12), or
section user channel (F1)
Insertion of trace ID message into section trace (J0)
1.3.2.2 STS-3/STM-1 Framer with Transport Overhead Extraction
Frame synchronization for STS-3 compliant to GR-253 so that SEF defect is not detected more than an
average of once every six minutes in the presence of STS-1 BER of 10-3
Optional descrambler of incoming STS-1 data stream with polynomial of 1+x6+x7
Extraction of all TOH bytes (per LTE requirement): Framing (A1, A2), Section trace (J0), Section BIP-8
(B1), Section orderwire (E1), Section user channel (F1), Section Data Communication Channel (DCC) (D1-
D3), STS-1 pointers (H1, H2, H3), Line BIP-8 (B2), automatic protection switching (APS) channel (K1, K2),
Line DCC (D4-D12), synchronization status message (S1), Line Remote Error Indication (REI) (M1), and
Line orderwire (E2)
All TOH bytes are presented on the associated receive STS-3 transport overhead output port and software
accessible internal registers
Detection of STE and LTE defects including LOS, LOF, SEF, COFA, and AIS-L
Fully programmable automatic downstream path AIS (AIS-P) insertion upon detection of LOS, LOF, TIM-S,
and/or AIS-L
Detection of STE and LTE defects including RDI-L, APS unstable, and sync message change (S1)
Detection and accumulation of framing errors (A1/A2), OOF occurrences, section BIP-8 (B1) errors (bit or
block basis), line BIP-8 (B2) errors (bit or block basis), and line remote error indications (REI-L)
Extraction of HDLC data stream from Section DCC (D1-D3), Line DCC (D4-D12), TOH DCC (D1-D12), or
Section user channel (F1)
Extraction of trace ID message from Section trace (J0)
Two line BIP-8 parity (B2) bit error rate (BER) measurement circuits with separate software programmable
detection and clearing settings


Similar Part No. - DS33M31N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M31N++ MAXIM-DS33M31N+ Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
DS33M31N++ MAXIM-DS33M31N+ Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results

Similar Description - DS33M31N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
Vitesse Semiconductor C...
VSC9128 VITESSE-VSC9128 Datasheet
492Kb / 2P
   Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
logo
Applied Micro Circuits ...
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
NIHON DEMPA KOGYO
NY13M09WA NDK-NY13M09WA Datasheet
675Kb / 1P
   Optical communication equipment (SONET, SDH, Ethernet)
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
   STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com