Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

581A631I-A5000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 581A631I-A5000
Description  Incremental Encoder
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

581A631I-A5000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  581A631I-A5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 581A631I-A5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 581A631I-A5000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 581A631I-A5000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group · Tel.: Germany (6 21) 7 76-11 11 · USA (3 30) 4 25 35 55 · Singapore 8 73 16 37 · Internet http://www.pepperl-fuchs.com
22
Serie 58
Incremental Encoder
Mechanical Specifications:
Housing
Aluminum or stainless steel
Flange
Aluminum or stainless steel
Pulse disc
Glass or plastic
Shaft
Stainless steel
Bearings
2 grooved ball bearings
Weight (incl. connector 9412)
[g] 295
Maximum rotation
[min-1] 12000
Inertia
[gcm2]24
Starting torque (20 °C)
[Ncm] 1.0
Torque (20 °C)
[Ncm] 1.0
Maximum shaft load, axial Fa
[N] ≤ 6000 min-1:40
[N] ≤ 12000 min-1:10
Maximum shaft load, radial Fr
[N] ≤ 6000 min-1:60
[N] ≤ 12000 min-1:20
Minimal mechanical life
[revolutions] Fa ≤ 40 N, Fr ≤ 60 N: 5 x 109
[revolutions] Fa ≤ 10 N, Fr ≤ 20 N: 2.5 x 1011
Environmental Conditions:
Storage temperature
[°C] Glass disc: -40 ... 70
Plastic disc: -40 ... 60
Working temperature
[°C] Glass disc: -20 ... 80
Plastic disc: -20 ... 60
Climate check acc. to IEC 68-2-3
40 °C, 98 % rel. humid. (non-condensation), 6 days
Interference output acc. to
EN 50081-2, 1993
Interference resistance acc. to
EN 50082-2, 1995
Shock resistance acc. to IEC 68-2-27
100 g, 1 ms
Protection class acc. to DIN 40050
IP 65
5 8
-
** Not applicable with standard version.
Shaft
0 = 10 x 20 mm
1 = 6 x 10 mm
Pulses
Output circuit
6 = 5 V; RS422
1 = 10 V ... 30 V;
Push-pull
Flange
A = Clamping flange
3 = Synchro flange
0
Signal output
3 = A + B + 0
6 = A + B + 0
and + +
A B
Electrical connection
1 = 9416
3 = Cable connection (1 m)
Connector
position
r = radial
a = axial
Key to Model Number:
**
i = Stainless steel
L = Conformal coating
for PC board


Similar Part No. - 581A631I-A5000

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
581 OSCILENT-581 Datasheet
134Kb / 2P
   Clipped Sine Wave
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
   Clipped Sine Wave
581-15.0M-315A-TR OSCILENT-581-15.0M-315A-TR Datasheet
134Kb / 2P
   Clipped Sine Wave
581-15.0M-315D OSCILENT-581-15.0M-315D Datasheet
134Kb / 2P
   Clipped Sine Wave
581-15.0M-315D-TR OSCILENT-581-15.0M-315D-TR Datasheet
134Kb / 2P
   Clipped Sine Wave
More results

Similar Description - 581A631I-A5000

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
   incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
   incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
   incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
   incremental encoder
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
   Incremental Encoder
logo
CUI INC
MES9 CUI-MES9 Datasheet
61Kb / 3P
   incremental encoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com