Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60150 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60150
Description  TPS60150 5V/140mA Charge Pump Device
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60150 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60150 Datasheet HTML 6Page - Texas Instruments TPS60150 Datasheet HTML 7Page - Texas Instruments TPS60150 Datasheet HTML 8Page - Texas Instruments TPS60150 Datasheet HTML 9Page - Texas Instruments TPS60150 Datasheet HTML 10Page - Texas Instruments TPS60150 Datasheet HTML 11Page - Texas Instruments TPS60150 Datasheet HTML 12Page - Texas Instruments TPS60150 Datasheet HTML 13Page - Texas Instruments TPS60150 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VIN
OFF
ON
ON
OFF
VOUT
C
F
C
OUT
+
-
Q 1
Q 2
Q3
Q4
2.5V
VIN
OFF
ON
ON
OFF
VOUT
+
-
VQ1
Q 1
Q 2
Q3
Q 4
C
F
C
OUT
2.5V
TPS60150
SLVS888 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 22. Charging Mode
During the first half cycle, Q2 and Q3 transistors are turned on and flying capacitor, CF, will be charged to 2.5V
ideally.
Figure 23. Discharging Mode
During the second half cycle, Q1 and Q4 transistors are turned on. Capacitor CF will then be discharged to
output.
The output voltage can be calculated as follows:
Vout = VIN - VQ1 + V(CF) - VQ4 = VIN - VQ1 + 2.5V - VQ4 = 5 V. (Ideal)
The output voltage is regulated by output feedback and an internally compensated voltage control loop.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS60150


Similar Part No. - TPS60150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRV TI-TPS60150DRV Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVR TI-TPS60150DRVR Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150DRVT TI-TPS60150DRVT Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
More results

Similar Description - TPS60150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60151 TI-TPS60151 Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
logo
Will Semiconductor Ltd.
WD3168E WILLSEMI-WD3168E Datasheet
714Kb / 10P
   5V/300mA Charge Pump Device
logo
Texas Instruments
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com