Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOMCT14031003CT5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NOMCT14031003CT5
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NOMCT14031003CT5 Datasheet(HTML) 2 Page - Vishay Siliconix

  NOMCT14031003CT5 Datasheet HTML 1Page - Vishay Siliconix NOMCT14031003CT5 Datasheet HTML 2Page - Vishay Siliconix NOMCT14031003CT5 Datasheet HTML 3Page - Vishay Siliconix NOMCT14031003CT5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOMC
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Narrow Body
Vishay Thin Film
Document Number: 60007
For technical questions, contact: thin-film@vishay.com
www.vishay.com
Revision: 02-Oct-08
25
DIMENSIONS AND IMPRINTING in inches and millimeters
Note
(1) Available upon request. Resistance value range and performance differs from Passivated Nichrome standard electrical specifications on
datasheet, consult factory.
Tolerance
Ratio
± 0.1 % to ± 0.025 %
+ 25 °C
Absolute
± 1.0 % to ± 0.10 %
+ 25 °C
Power Rating
Resistor
50 mW per element typical
Max. at + 70 °C
Package
400 mW 500 mW
Max. at + 70 °C
Stability
ΔR Absolute
500 ppm
2000 h at + 70 °C
ΔR Ratio
150 ppm
2000 h at + 70 °C
Voltage Coefficient
< 0.1 ppm/V
Working Voltage
50 V
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 30 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
h x 45°
A
1
A
C
L
e
B
Index Area
PIN 1 Locator
O
E
H
DIMENSION
14
16
Inches
mm
Inches
mm
H
0.235
5.969
0.235
5.969
E
0.154
3.911
0.154
3.91
O
0.340
8.363
0.390
9.906
A
0.063
1.60
0.063
1.60
e
0.050
1.270
0.050
1.270
B
0.015
0.381
0.015
0.381
C
0.008
0.203
0.008
0.203
L
0.025
0.635
0.025
0.635
A1
0.006
0.152
0.006
0.152
h
0.015
0.381
0.015
0.381
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated Nichrome (standard) or Tantalum Nitride (1)
Substrate Material
Silicon
Terminals
Copper
Lead Coplanarity
± 0.004
Body
Molded Epoxy
Marking Resistance to Solvents
Per MIL-PRF-83401
Model NOMC
85 Sn/15 Pb (Plated)
Model NOMCT
100 % Matte Tin (Plated)
ORDERING INFORMATION CHECK LIST (CUSTOMS)
Special requirements should be identified in advance, but as a minimum, you should have the following information ready.
ELECTRICAL
MECHANICAL
1. Resistors, by value and tolerance
2. Reference resistor(s) and matching of which resistors to which
reference resistors
3. Resistance by ratio
4. Absolute temperature coefficient of resistivity
5. Temperature tracking of subordinate resistors to reference
resistor(s)
6. Maximum operating voltage
7. Resistor power ratings
8. Operating temperature range
1. Maximum allowable seated height (from PC board to top of
network)
2. Special marking concerns
3. Schematic pin out of package


Similar Part No. - NOMCT14031003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMCT14031003CT5 VISHAY-NOMCT14031003CT5 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results

Similar Description - NOMCT14031003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision 03-May-01
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision: 07-Nov-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com