Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S521DBTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S521DBTR
Description  SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S521DBTR Datasheet(HTML) 2 Page - Texas Instruments

  TPD12S521DBTR Datasheet HTML 1Page - Texas Instruments TPD12S521DBTR Datasheet HTML 2Page - Texas Instruments TPD12S521DBTR Datasheet HTML 3Page - Texas Instruments TPD12S521DBTR Datasheet HTML 4Page - Texas Instruments TPD12S521DBTR Datasheet HTML 5Page - Texas Instruments TPD12S521DBTR Datasheet HTML 6Page - Texas Instruments TPD12S521DBTR Datasheet HTML 7Page - Texas Instruments TPD12S521DBTR Datasheet HTML 8Page - Texas Instruments TPD12S521DBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
TMDS_CK+
TMDS_GND
TMDS_CK–
5V_SUPPLY
DDC_DAT_OUT
HOTPLUG_DET_OUT
ESD_BYP
LV Supply
LV Supply
CE_REMOTE_IN
CE_REMOTE_OUT
DDC_DAT_IN
LV Supply
LV Supply
DDC_CLK_IN
DDC_CLK_OUT
HOTPLUG_DET_IN
55-mA
Overcurrent
Switch
5V_OUT
5V_SUPPLY
TPD12S521
SLVS639A – OCTOBER 2007 – REVISED NOVEMBER 2008 .......................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER(3)
TOP-SIDE MARKING
–40°C to 85°C
TSSOP-38 – DBT
TPD12S521DBTR
PN521
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
Parts are shipped in tape-and-reel form, unless otherwise specified.
ELECTRICAL SCHEMATIC
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPD12S521


Similar Part No. - TPD12S521DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTR TI-TPD12S521DBTR Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTR TI1-TPD12S521DBTR Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521DBTRG4 TI-TPD12S521DBTRG4 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521DBTRG4 TI1-TPD12S521DBTRG4 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results

Similar Description - TPD12S521DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
TPD12S521 TI-TPD12S521 Datasheet
621Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_14 Datasheet
469Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
CM2020-01TR ONSEMI-CM2020-01TR Datasheet
384Kb / 12P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
logo
Unisonic Technologies
PPHDMI2020 UTC-PPHDMI2020 Datasheet
252Kb / 6P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
California Micro Device...
CM2030 CALMIRCO-CM2030 Datasheet
585Kb / 14P
   HDMI Transmitter Port Protection and Interface Device
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR Datasheet
390Kb / 13P
   HDMI Transmitter Port Protection and Interface Device
May 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com