Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6041A4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6041A4
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6041A4 Datasheet(HTML) 4 Page - Texas Instruments

  TPA6041A4 Datasheet HTML 1Page - Texas Instruments TPA6041A4 Datasheet HTML 2Page - Texas Instruments TPA6041A4 Datasheet HTML 3Page - Texas Instruments TPA6041A4 Datasheet HTML 4Page - Texas Instruments TPA6041A4 Datasheet HTML 5Page - Texas Instruments TPA6041A4 Datasheet HTML 6Page - Texas Instruments TPA6041A4 Datasheet HTML 7Page - Texas Instruments TPA6041A4 Datasheet HTML 8Page - Texas Instruments TPA6041A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPA6045A4C
SLOS614 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O/P
DESCRIPTION
NAME
NO.
ROUT–
19
O
Right-channel negative audio output
ROUT+
20
O
Right-channel positive audio output
HP_EN
22
I
Headphone channel enable logic input; active high enable. HIGH=ENABLE.
SPKR_EN
23
I
Speaker channel enable logic input; active high enable. HIGH=ENABLE.
BYPASS
24
P
Common-mode bias voltage for speaker preamplifiers
REG_EN
25
I
Enable pin for turning on/off LDO. HIGH=ENABLE
HP_INR
26
I
Headphone right-channel audio input
HP_INL
27
I
Headphone left-channel audio input
SGND
28
P
Signal ground, connect to CPGND and SPGND
REG_OUT
29
O
Regulated 3.3-V output
VDD
30
P
Positive power supply
GAIN0
31
I
Bit 0, MSB, of gain select bits
GAIN1
32
I
Bit 1, LSB, of gain select bits
Solder the thermal pad on the bottom of the QFN package to the GND plane of the PCB. It is required for
Thermal Pad
Die Pad
P
mechanical stability and will enhance thermal performance.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage
HPVDD, VDD, SPVDD, CPVDD
–0.3 to 6
V
SPKR_LIN+, SPKR_LIN-, SPKR_RIN+, SPKR_RIN-,
–0.3 to 6.3
HP_EN,GAIN0, GAIN1, SPK_EN, REG_EN
VI
Input voltage
V
HP_INL, HP_INR HP Enabled
–3.5 to 3.5
HP_INL, HP_INR HP not Enabled
–0.3 to 3.5
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
Electrostatic discharge
HBM for HP_OUTL and HP_OUTR
8
kV
CDM
500
V
Electrostatic discharge,
all other pins
HBM
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE(1)
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
RHB
5.06 W
40 mW/°C
4.04 W
3.23 W
(1)
The PowerPAD™ must be soldered to a thermal land on the printed-circuit board. Refer to the Texas Instruments document,
PowerPAD™ Thermally Enhanced Package application report (literature number SLMA002) for more information regarding the
PowerPAD™ package.
MIN
MAX
UNIT
Supply voltage
VDD, SPVDD
4.5
5.5
V
Supply voltage
HPVDD, CPVDD
3
5.5
V
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA6045A4C


Similar Part No. - TPA6041A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI1-TPA6041A4 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4RHBR TI-TPA6041A4RHBR Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4RHBRG4 TI-TPA6041A4RHBRG4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results

Similar Description - TPA6041A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com