Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2100P1YZHR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2100P1YZHR
Description  19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2100P1YZHR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2100P1YZHR Datasheet HTML 6Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 7Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 8Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 9Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 10Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 11Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 12Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 13Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
RESISTOR – SPEAKER – RESISTOR LOAD CONFIGURATION
Vdd SW
IN-
IN+
GND
GND
OUT +
OUT -
VccOUT
VccIN
C IN
C IN
SD
SDa
GAIN
Digital
BaseBand
Analog
Baseband
or
CODEC
VIN
2 .5 Vto
5.5 V
Vref
BST
10nF
10 F
m
10 F
m
1 F
m
4.7 H
m
5~10 W
5~10 W
1 F
m
0.1~2 F
m
R
R
AUDMAX
SPK
1
=
2
R
C
f
p
´
´
´
(1)
OUTPEAK
CLASSDPEAK
2
2
V
I
=
R
+ XC
(2)
AUDMAX
SPK
1
XC =
2
f
C
p
´
´
´
(3)
RESISTOR – SPEAKER – INDUCTOR LOAD CONFIGURATION
TPA2100P1
SLOS595 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
This is the simplest configuration. However, this type of load configuration does not achieve the best efficiency
possible. Thus, it is recommended to use the resistor – speaker – inductor load configuration. The following
figure shows an example of the resistor – speaker – resistor configuration.
Figure 15. Application Schematic with Resistor – Speaker – Resistor Load Configuration
For the RC load configuration, only two calculations are required. Note that R in Equation 1 is the sum of the two
output resistors in Figure 15.
The highest desired audio frequency will be limited by the RC low-pass filter configuration of the load:
Peak Output Current from the Class-D Amplifier should therefore be limited to the maximum audio frequency:
Where XC is:
To calculate the proper boost converter inductor required for this application, see the Inductor Selection section.
Note that an input low-pass filter should be added before the audio amplifier in order to limit the audio frequency,
fAUDMAX.
The second configuration with a resistor – speaker – inductor load is the most efficient configuration and is the
preferred solution. Figure 16 shows an example of this configuration.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2100P1


Similar Part No. - TPA2100P1YZHR

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Similar Description - TPA2100P1YZHR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com