Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2036D1YZF Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA2036D1YZF
Description  2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2036D1YZF Datasheet(HTML) 2 Page - Texas Instruments

  TPA2036D1YZF Datasheet HTML 1Page - Texas Instruments TPA2036D1YZF Datasheet HTML 2Page - Texas Instruments TPA2036D1YZF Datasheet HTML 3Page - Texas Instruments TPA2036D1YZF Datasheet HTML 4Page - Texas Instruments TPA2036D1YZF Datasheet HTML 5Page - Texas Instruments TPA2036D1YZF Datasheet HTML 6Page - Texas Instruments TPA2036D1YZF Datasheet HTML 7Page - Texas Instruments TPA2036D1YZF Datasheet HTML 8Page - Texas Instruments TPA2036D1YZF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
TPA2036D1
SLOS589 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TA
PACKAGE
PART NUMBER
SYMBOL
9 ball, 1.45mm × 1.45mm WCSP
TPA2036D1YZF (1)
CVV
–40°C to 85°C
(+0,1 mm/-0,05 mm tolerance)
(1)
The YZF package is only available taped and reeled. To order add the suffix R to the end of the part number for a reel of 3000, or add
the suffix T to the end of the part number for a reel of 250 (e.g. TPA2036D1YZFR).
over operating free-air temperature range unless otherwise noted(1)
TPA2036D1
In active mode
–0.3 V to 6 V
VDD
Supply voltage
In SHUTDOWN mode
–0.3 V to 7 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
–40°C to 85°C
TJ
Operating junction temperature
–40°C to 150°C
Tstg
Storage temperature
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
YZF
260°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
1.3
VDD
V
VIL
Low-level input voltage
SHUTDOWN
0
0.35
V
RI
Input resistor
Gain
≤ 20 V/V (26 dB)
15
k
VIC
Common mode input voltage range VDD = 2.5 V, 5.5 V, CMRR ≤ –49 dB
0.5
VDD–0.8
V
TA
Operating free-air temperature
–40
85
°C
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR(1)
POWER RATING
POWER RATING
POWER RATING
YZF
7.8 mW/°C
975 mW
624 mW
507 mW
(1)
Derating factor measure with JEDEC High K board. 1S2P - One signal layer and two plane layers. Please see JEDEC Standard 51-7 for
High-K board, and JEDEC Standard 51-12 for using package thermal information. Please see JEDEC document page for downloadable
copies: http://www.jedec.org/download/default.cfm.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA2036D1


Similar Part No. - TPA2036D1YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1YZF TI1-TPA2036D1YZF Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZFR TI1-TPA2036D1YZFR Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1YZFT TI1-TPA2036D1YZFT Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results

Similar Description - TPA2036D1YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_15 Datasheet
1Mb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
[Old version datasheet]   2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
   2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com