Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3107IRSBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3107IRSBR
Description  LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3107IRSBR Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3107IRSBR Datasheet HTML 1Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 2Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 3Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 4Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 5Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 6Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3107IRSBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
TLV320AIC3107
www.ti.com ....................................................................................................................................... SLOS545A – NOVEMBER 2008 – REVISED DECEMBER 2008
PIN FUNCTIONS (continued)
Pin
I/O
Description
QFN
WCSP(1)
Name
27
E4
SWINM
I
Negative Bypass Switch Input
28
SWOUTM
O
Negative Bypass Switch Output, to be tied to SPOM externally
29
SWOUTP
O
Positive Bypass Switch Output, to be tied to SPOP externally
30
E3
SWINP
I
Positive Bypass Switch Input
31
F1
RESET
I
Reset
32
E2
GPIO1
I/O
General-purpose input/output
33
D3
DVDD
P
Digital core voltage supply, 1.525 V–1.95 V
34
E1
MCLK
I
Master clock input
35
D2
BCLK
I/O
Audio serial data bus bit clock (input/output)
36
D1
WCLK
I/O
Audio serial data bus word clock (input/output)
37
C2
DIN
I
Audio serial data bus data input (input)
38
C1
DOUT
O
Audio serial data bus data output (output)
39
C3
DVSS
G
Digital core / I/O ground supply, 0 V
40
B2
IOVDD
P
I/O voltage supply, 1.1 V–3.6 V
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLV320AIC3107


Similar Part No. - TLV320AIC3107IRSBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107IRSBR TI1-TLV320AIC3107IRSBR Datasheet
2Mb / 102P
[Old version datasheet]   Low-Power Stereo Codec
More results

Similar Description - TLV320AIC3107IRSBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
[Old version datasheet]   TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
TLV320AIC3007 TI-TLV320AIC3007 Datasheet
1Mb / 98P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
[Old version datasheet]   TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
logo
Texas Instruments
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com