Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3132 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # TLK3132
Description  2-Channel Multi-Rate Transceiver
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3132 Datasheet(HTML) 88 Page - Texas Instruments

Back Button TLK3132 Datasheet HTML 84Page - Texas Instruments TLK3132 Datasheet HTML 85Page - Texas Instruments TLK3132 Datasheet HTML 86Page - Texas Instruments TLK3132 Datasheet HTML 87Page - Texas Instruments TLK3132 Datasheet HTML 88Page - Texas Instruments TLK3132 Datasheet HTML 89Page - Texas Instruments TLK3132 Datasheet HTML 90Page - Texas Instruments TLK3132 Datasheet HTML 91Page - Texas Instruments TLK3132 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 103 page
background image
TLK3132
2-Channel Multi-Rate Transceiver
SLLS956 – DECEMBER 2008
www.ti.com
Table A-2. Reference Clock Selection – 1X/2X Fibre Channel Mode
Fibre Channel Mode - Legal Clocking Mode Settings
TLK3132
SERDES
Serial Data Rate = f(SPEED[1:0]) (Mbps)
Jitter Cleaner
SERDES PLL
REFCLK Input
REFCLK Input
Multiplier
Multiplier
Full (00)
Half (01)
Qrtr. (10)
(MHz)
(MHz)
53.12500
OFF
53.12500
20
2125.000
1062.500
53.12500
0.25
13.28125
53.12500
0.5
26.56250
53.12500
1
53.12500
20
2125.000
1062.500
53.12500
2
106.25000
10
2125.000
1062.500
106.25000
OFF
106.25000
10
2125.000
1062.500
106.25000
0.25
26.56250
106.25000
0.5
53.12500
20
2125.000
1062.500
106.25000
1
106.25000
10
2125.000
1062.500
106.25000
2
212.50000
5
2125.000
1062.500
212.50000
OFF
212.50000
5
2125.000
1062.500
212.50000
0.25
53.12500
20
2125.000
1062.500
212.50000
0.5
106.25000
10
2125.000
1062.500
212.50000
1
212.50000
5
2125.000
1062.500
Table A-3. Reference Clock Selection – OBSAI Mode
Gigabit Ethernet Mode - Legal Clocking Mode Settings
TLK3132
SERDES
Serial Data Rate = f(SPEED[1:0]) (Mbps)
Jitter Cleaner
SERDES PLL
REFCLK Input
REFCLK Input
Multiplier
Multiplier
Full (00)
Half (01)
Qrtr. (10)
(MHz)
(MHz)
76.80000
OFF
76.80000
20
3072.000
1536.000
768.000
76.80000
0.25
19.20000
76.80000
0.5
38.40000
76.80000
1
76.80000
20
3072.000
1536.000
768.000
76.80000
2
153.60000
10
3072.000
1536.000
768.000
153.60000
OFF
153.60000
10
3072.000
1536.000
768.000
153.60000
0.25
38.40000
153.60000
0.5
76.80000
20
3072.000
1536.000
768.000
153.60000
1
153.60000
10
3072.000
1536.000
768.000
153.60000
2
307.20000
5
3072.000
1536.000
768.000
307.20000
OFF
307.20000
5
3072.000
1536.000
768.000
307.20000
0.25
76.80000
20
3072.000
1536.000
768.000
307.20000
0.5
153.60000
10
3072.000
1536.000
768.000
307.20000
1
307.20000
5
3072.000
1536.000
768.000
307.20000
2
614.40000
APPENDIX A – Frequency Ranges Supported
88
Submit Documentation Feedback


Similar Part No. - TLK3132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3132ZEN TI1-TLK3132ZEN Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
More results

Similar Description - TLK3132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com