Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3132 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TLK3132
Description  2-Channel Multi-Rate Transceiver
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3132 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TLK3132 Datasheet HTML 37Page - Texas Instruments TLK3132 Datasheet HTML 38Page - Texas Instruments TLK3132 Datasheet HTML 39Page - Texas Instruments TLK3132 Datasheet HTML 40Page - Texas Instruments TLK3132 Datasheet HTML 41Page - Texas Instruments TLK3132 Datasheet HTML 42Page - Texas Instruments TLK3132 Datasheet HTML 43Page - Texas Instruments TLK3132 Datasheet HTML 44Page - Texas Instruments TLK3132 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 103 page
background image
TLK3132
2-Channel Multi-Rate Transceiver
www.ti.com
SLLS956 – DECEMBER 2008
Table 2-36. SERDES_RX1_CONFIG(1)
ADDRESS: 0x9004
DEFAULT: 0x0001
BIT(s)
NAME
DESCRIPTION
ACCESS
Adaptive equalization control
0000 = Adaptive equalization disabled. Equalizer provides flat response at maximum gain.
36868.15:12
EQUALIZER
RW
0001 = Full adaptive equalization
0010 to 1111 = Reserved
36868.11:9
CDR
Clock data recovery algorithm selection
RW
36868.8
INVPAIR
1 = Inverts polarity of RXP and RXN
RW
00 = Loss of signal detection disabled
01 = Reserved
36868.7:6
LOS
RW
10 = Loss of signal detection enabled with threshold in the range of 85-175 mVdfpp.
11 = Reserved.
Receiver symbol alignment selection
00 = Alignment disabled.
01 = Comma alignment enabled
36868.5:4
ALIGN
RW
10 = Symbol alignment will be performed by one bit position when this mode is selected (i.e
ALIGN changes from 00 to 10)
11= Reserved
Receive Termination selection
00 = Common point connected to VDDT (For DC Coupled Systems)
36868.3:2
TERM
01 = Common point set to 0.8 VDDT (For AC Coupled Systems)
RW
10 = Reserved
11 = Reserved
36868.1
ENTEST
1= Enables test modes specified in TESTCFG (Register 0x9012)
RW
1 = Enables receiver
36868.0
ENRX
RW
0 = Disables receiver
(1)
These are SERDES receiver control bits for channel 1.
Table 2-37. SERDES_TX0_CONFIG(1)
ADDRESS: 0x900A
DEFAULT: 0x0001
BIT(s)
NAME
DESCRIPTION
ACCESS
Transmitter Output swing control for SERDES transmitter.
Refer to Table 2-40: Output Swing Control
36874.11:9
SWING
RW
If swing is set to 750mV or more, CM bit (36874.8) needs to be set to 1.
If swing is set to 625 mV or less, CM bit (36874.8) needs to be set to 0.
1 = Applicable for SWING settings 750 mV or more.
36874.8
CM
RW
0 = Applicable for SWING settings 625 mV or less.
Transmitter Differential output De-emphasis control
36874.7:4
DE-EMPHASIS
RW
Refer to Table 2-39: Transmit De-emphasis Control
Transmitter Polarity
1 = Inverted polarity. TXP considered negative data and TXN considered
36874.3
INVPAIR
positive data
RW
0 = Normal polarity. TXP considered positive data and TXN considered negative
data
36874.1
ENTEST
1= Enables test modes specified in TESTCFG (Register 0x9011)
RW
1 = Enables transmitter
36874.0
ENTX
RW
0 = Disables transmitter
(1)
These are SERDES transmitter control bits for channel 0.
Submit Documentation Feedback
Detailed Description
41


Similar Part No. - TLK3132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3132ZEN TI1-TLK3132ZEN Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
More results

Similar Description - TLK3132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com