Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1412BRWZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADUM1412BRWZ
Description  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1412BRWZ Datasheet(HTML) 5 Page - Analog Devices

  ADUM1412BRWZ Datasheet HTML 1Page - Analog Devices ADUM1412BRWZ Datasheet HTML 2Page - Analog Devices ADUM1412BRWZ Datasheet HTML 3Page - Analog Devices ADUM1412BRWZ Datasheet HTML 4Page - Analog Devices ADUM1412BRWZ Datasheet HTML 5Page - Analog Devices ADUM1412BRWZ Datasheet HTML 6Page - Analog Devices ADUM1412BRWZ Datasheet HTML 7Page - Analog Devices ADUM1412BRWZ Datasheet HTML 8Page - Analog Devices ADUM1412BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADuM1410/ADuM1411/ADuM1412
Rev. G | Page 5 of 24
ELECTRICAL CHARACTERISTICS—3 V OPERATION
2.7 V ≤ VDD1 ≤ 3.6 V, 2.7 V ≤ VDD2 ≤ 3.6 V; all minimum/maximum specifications apply over the entire recommended operation range,
unless otherwise noted; all typical specifications are at TA = 25°C, VDD1 = VDD2 = 3.0 V. All voltages are relative to their respective ground.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current per Channel,
Quiescent
IDDI (Q)
0.25
0.38
mA
Output Supply Current per Channel,
Quiescent
IDDO (Q)
0.19
0.33
mA
ADuM1410, Total Supply Current, Four
Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
1.2
1.6
mA
DC to 1 MHz logic signal
frequency
VDD2 Supply Current
IDD2 (Q)
0.8
1.0
mA
DC to 1 MHz logic signal
frequency
10 Mbps (BRWZ Version Only)
VDD1 Supply Current
IDD1 (10)
4.5
6.5
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
1.4
1.8
mA
5 MHz logic signal frequency
ADuM1411, Total Supply Current, Four
Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
1.0
1.9
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
0.9
1.7
mA
DC to 1 MHz logic signal
frequency
10 Mbps (BRWZ Version Only)
VDD1 Supply Current
IDD1 (10)
3.1
4.5
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
2.1
3.0
mA
5 MHz logic signal frequency
ADuM1412, Total Supply Current, Four
Channels1
DC to 2 Mbps
VDD1 or VDD2 Supply Current
IDD1 (Q), IDD2(Q)
1.0
1.8
mA
DC to 1 MHz logic signal
frequency
10 Mbps (BRWZ Version Only)
VDD1 or VDD2 Supply Current
IDD1(10), IDD2(10)
2.6
3.8
mA
5 MHz logic signal frequency
All Models
Input Currents
IIA, IIB, IIC,
IID, ICTRL1,
ICTRL2, IDISABLE
−10
+0.01 +10
μA
0 V ≤ VIA, VIB, VIC, VID ≤ VDD1 or VDD2,
0 V ≤ VCTRL1, VCTRL2 ≤ VDD1 or VDD2,
0 V ≤ VDISABLE ≤ VDD1
Logic High Input Threshold
VIH
1.6
V
Logic Low Input Threshold
VIL
0.4
V
(VDD1 or VDD2) − 0.1
3.0
V
IOx = −20 μA, VIx = VIxH
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
(VDD1 or VDD2) − 0.4
2.8
V
IOx = −4 mA, VIx = VIxH
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM141xARWZ
Minimum Pulse Width2
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
20
75
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|4
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
50
ns
CL = 15 pF, CMOS signal levels


Similar Part No. - ADUM1412BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1412BRWZ AD-ADUM1412BRWZ Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1412BRWZ AD-ADUM1412BRWZ Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM1412BRWZ-RL AD-ADUM1412BRWZ-RL Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1412BRWZ-RL AD-ADUM1412BRWZ-RL Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
More results

Similar Description - ADUM1412BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com