Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS61B29 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS61B29
Description  14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS61B29 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS61B29 Datasheet HTML 3Page - Texas Instruments ADS61B29 Datasheet HTML 4Page - Texas Instruments ADS61B29 Datasheet HTML 5Page - Texas Instruments ADS61B29 Datasheet HTML 6Page - Texas Instruments ADS61B29 Datasheet HTML 7Page - Texas Instruments ADS61B29 Datasheet HTML 8Page - Texas Instruments ADS61B29 Datasheet HTML 9Page - Texas Instruments ADS61B29 Datasheet HTML 10Page - Texas Instruments ADS61B29 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
ELECTRICAL CHARACTERISTICS – ADS61B49 and ADS61B29
ADS61B29
ADS61B49
www.ti.com ......................................................................................................................................... SLWS214A – OCTOBER 2008 – REVISED DECEMBER 2008
Typical values are at 25°C, AVDD = 3.3 V, DRVDD = 1.8 V, 50% clock duty cycle, –1 dBFS differential analog input, internal
reference mode unless otherwise noted.
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 3.3 V, DRVDD = 1.8 V
ADS61B49
ADS61B29
250 MSPS
250 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Fin = 20 MHz
72.3
70.1
Fin = 80 MHz
72
69.8
SNR
Fin = 100 MHz
71.6
69.6
dBFS
Signal-to-noise ratio, LVDS
Fin = 170 MHz
68.5
70.7
66.5
69
Fin = 300 MHz
69
67.8
Fin = 20 MHz
72.5
70.3
Fin = 80 MHz
71.8
69.7
SINAD
Fin = 100 MHz
71.6
69.5
dBFS
Signal-to-noise and distortion ratio, LVDS
Fin = 170 MHz
67.5
70
65.7
68.4
Fin = 300 MHz
67.1
66.3
ENOB
Fin = 170 MHz (using SINAD in dBFS)
11.3
11.1
LSB
Effective number of bits
DNL
-0.95
±0.4
1
-0.5
±0.2
1
LSB
Differential non-linearity
INL
-5
±2
5
-2.5
±1
2.5
LSB
Integrated non-linearity
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS61B29 ADS61B49


Similar Part No. - ADS61B29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZ25 TI-ADS61B29IRGZ25 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZR TI-ADS61B29IRGZR Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS61B29IRGZT TI-ADS61B29IRGZT Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
More results

Similar Description - ADS61B29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com