Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1411ARWZ-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM1411ARWZ-RL
Description  Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1411ARWZ-RL Datasheet(HTML) 1 Page - Analog Devices

  ADUM1411ARWZ-RL Datasheet HTML 1Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 2Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 3Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 4Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 5Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 6Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 7Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 8Page - Analog Devices ADUM1411ARWZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Quad-Channel Digital Isolators
ADuM1410/ADuM1411/ADuM1412
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Low power operation
5 V operation
1.3 mA per channel maximum @ 0 Mbps to 2 Mbps
4.0 mA per channel maximum @ 10 Mbps
3 V operation
0.8 mA per channel maximum @ 0 Mbps to 2 Mbps
1.8 mA per channel maximum @ 10 Mbps
Bidirectional communication
3 V/5 V level translation
High temperature operation: 105°C
Up to 10 Mbps data rate (NRZ)
Programmable default output state
High common-mode transient immunity: >25 kV/μs
16-lead, RoHS-compliant, SOIC wide body package
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA component acceptance notice #5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 560 V peak
APPLICATIONS
General-purpose multichannel isolation
SPI interface/data converter isolation
RS-232/RS-422/RS-485 transceivers
Industrial field bus isolation
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VIC
VID
DISABLE
GND1
VDD2
GND2
VOA
VOB
VOC
VOD
CTRL2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADuM1410
Figure 1. ADuM1410
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VIC
VOD
CTRL1
GND1
VDD2
GND2
VOA
VOB
VOC
VID
CTRL2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADuM1411
Figure 2. ADuM1411
DECODE
ENCODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VOC
VOD
CTRL1
GND1
VDD2
GND2
VOA
VOB
VIC
VID
CTRL2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADuM1412
Figure 3. ADuM1412
GENERAL DESCRIPTION
The ADuM141x1 are four-channel digital isolators based on
Analog Devices, Inc. iCoupler® technology. Combining high
speed CMOS and monolithic air core transformer technologies,
these isolation components provide outstanding performance
characteristics superior to alternatives such as optocoupler devices.
By avoiding the use of LEDs and photodiodes, iCoupler devices
remove the design difficulties commonly associated with opto-
couplers. The usual concerns that arise with optocouplers, such
as uncertain current transfer ratios, nonlinear transfer functions,
and temperature and lifetime effects, are eliminated with the
simple iCoupler digital interfaces and stable performance
characteristics. The need for external drivers and other discrete
components is eliminated with these iCoupler products.
Furthermore, iCoupler devices consume one-tenth to one-sixth
the power of optocouplers at comparable signal data rates.
The ADuM141x isolators provide four independent isolation
channels in a variety of channel configurations and data rates
(see the Ordering Guide) up to 10 Mbps. All models operate
with the supply voltage on either side ranging from 2.7 V to 5.5 V,
providing compatibility with lower voltage systems as well as
enabling voltage translation functionality across the isolation
barrier. All products also have a default output control pin. This
allows the user to define the logic state the outputs are to adopt
in the absence of the input power. Unlike other optocoupler
alternatives, the ADuM141x isolators have a patented refresh
feature that ensures dc correctness in the absence of input logic
transitions and during power-up/power-down conditions.
1 Protected by U.S. Patents 5,952,849, 6,873,065 and 7,075,329. Other patents pending.


Similar Part No. - ADUM1411ARWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1411ARWZ-RL AD-ADUM1411ARWZ-RL Datasheet
525Kb / 20P
   Quad-Channel Digital Isolators
Rev. E
ADUM1411ARWZ-RL AD-ADUM1411ARWZ-RL Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
More results

Similar Description - ADUM1411ARWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com