Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4990 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4990
Description  1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4990 Datasheet HTML 1Page - STMicroelectronics TS4990 Datasheet HTML 2Page - STMicroelectronics TS4990 Datasheet HTML 3Page - STMicroelectronics TS4990 Datasheet HTML 4Page - STMicroelectronics TS4990 Datasheet HTML 5Page - STMicroelectronics TS4990 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS4990
5/6
TS4990IJT
PIN OUT (top view)
MARKING (top view)
PACKAGE MECHANICAL DATA
FLIP CHIP - 9 BUMPS
s Balls are underneath
STBY
Vin+
Vout1
Vin-
GND
GND
VCC
BYPASS
VOUT2
1
2
3
4
5
6
7
8
9
STBY
Vin+
Vout1
Vin-
GND
GND
VCC
BYPASS
VOUT2
1
2
3
4
5
6
7
8
9
s ST Logo
s Part number 4990
s Three digits Datecode : YWW
s The dot is for marking pin 1
YWW 4990
250µm
YWW 4990
250µm
s Die size : (1.6mm ±10%) x (1.6mm ±10%)
s Die height (including bumps) : 600µm
±30µm
s Bumps diameter : 315µm ±15µm
s Pitch: 500µm ±10µm
1.6mm
0.5mm
0.5mm
1.6mm
1.6mm
0.5mm
0.5mm
1.6mm
600µm
600µm


Similar Part No. - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990EKIJT STMICROELECTRONICS-TS4990EKIJT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990ID STMICROELECTRONICS-TS4990ID Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4990IDT STMICROELECTRONICS-TS4990IDT Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
More results

Similar Description - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
   2 x 1W Stereo audio power amplifier with active low standby mode
January 2005 Revision 1
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4990 STMICROELECTRONICS-TS4990_08 Datasheet
716Kb / 32P
   1.2 W audio power amplifier with active low standby mode
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
STMicroelectronics
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
   300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com