Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4973 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4973
Description  1.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4973 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4973 Datasheet HTML 1Page - STMicroelectronics TS4973 Datasheet HTML 2Page - STMicroelectronics TS4973 Datasheet HTML 3Page - STMicroelectronics TS4973 Datasheet HTML 4Page - STMicroelectronics TS4973 Datasheet HTML 5Page - STMicroelectronics TS4973 Datasheet HTML 6Page - STMicroelectronics TS4973 Datasheet HTML 7Page - STMicroelectronics TS4973 Datasheet HTML 8Page - STMicroelectronics TS4973 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS4973
3/9
ELECTRICAL CHARACTERISTICS
V
CC = +5V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
68
mA
ISTANDBY
Standby Current 1)
No input signal, Vstdby = Gnd, RL = 8
1. Standby mode is actived when Vstdby is tied to Gnd
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 8
520
mV
Po
Output Power
THD = 1% Max, f = 1kHz, RL = 8
0.85
1.2
W
BTL GAIN
GS = Low
input signal Vin = 100mV rms, RL = 8
5.6
6
6.4
dB
THD + N
Total Harmonic Distortion + Noise
Po = 250mW rms, GS = Low, 20Hz < f < 20kHz, RL = 8
0.1
%
PSRR
Power Supply Rejection Ratio2)
F = 217Hz, RL = 8
Ω, GS = Low, Vripple = 200mV rms
Input Grounded, Cin = 220nF, Cb = 1µF
2. Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to Vcc @ f = 217Hz
50
53
dB
PSRR
Power Supply Rejection Ratio3)
F = 217Hz, RL = 8
Ω, GS = Low, Vripple = 200mV rms
Input floating, Cb = 1µF
3. Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is an added sinus signal to Vcc @ f = 217Hz
75
dB
Zin
Input Impedance
GS = Low
37.5
50
62.5
K
Rfeed
Internal Feedback Resistor
37.5
50
62.5
K
Φ
M
Phase Margin at GS = Low
RL = 8Ω, CL = 500pF
70
Degrees
GM
Gain Margin
RL = 8Ω, CL = 500pF
20
dB
GBP
Gain Bandwidth Product
RL = 8Ω
2MHz


Similar Part No. - TS4973

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4972 STMICROELECTRONICS-TS4972 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
TS4972EIJT1 STMICROELECTRONICS-TS4972EIJT1 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
TS4972IJT STMICROELECTRONICS-TS4972IJT Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
TS4972IJT STMICROELECTRONICS-TS4972IJT Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
More results

Similar Description - TS4973

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
   1.2W Audio Power Amplifier with Standby Mode Active High
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
   1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
logo
Integrated Silicon Solu...
IS31AP4990D ISSI-IS31AP4990D Datasheet
278Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com