Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3435 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC10XS3435
Description  Quad High Side Switch (Dual 10m廓, Dual 35m廓)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3435 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC10XS3435 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC10XS3435 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
10XS3435
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
Open-load Detection In On State
The ON output open-load current thresholds can be
chosen by SPI to detect a standard bulbs or LEDs
(OLLED[0:3] bit set to logic [1]). In the case where load
current drops below the defined current threshold OLON bit
is set to logic [1], the output stays ON and FS is not disturbed.
Open-load Detection In On State For Led
Open load for LEDs only (OLLED[0:3] set to logic [1]) is
detected periodically each tOLLED (fully-on, D[6:0]=7F). To
detect OLLED in fully-on state, the output must be ON at least
tOLLED.
To delatch the diagnosis, the condition should be removed
and SPI read operation is needed (OL_ON[0:3] bit). The ON
output open-load protection can be disabled through SPI
(OLON_DIS[0:3] bit).
Analog Current Recopy and Temperature Feedbacks
The CSNS pin is an analog output reporting a current
proportional to the designed output current or a voltage
proportional to the temperature of the GND flag (pin #14).
The routing is SPI programmable (TEMP_en, CSNS_en,
CSNS_s[1,0] and CSNS_ratio_s bits).
In case the current recopy is active, the CSNS output
delivers current only during ON time of the output switch
without overshoot. The maximum current is 2mA typical. The
typical value of external CSNS resistor connected to the
ground is 2.5kΩ.
The current recopy is not active in Fail-safe Mode.
Temperature Prewarning Detection
In Normal mode, the 10XS3435 provides a temperature
prewarning reported via SPI in case of the temperature of the
GND flag is higher than TOTWAR. This diagnosis (OTW bit set
to [1]) is latched in the SPI DIAGR0 register. To delatch, a
read SPI command is needed.
ACTIVE CLAMP ON VPWR
The device provides an active gate clamp circuit in order
to limit the maximum transient VPWR voltage at
VPWR(CLAMP). In case of overload on an output the
corresponding output is turned off which leads to high voltage
at VPWR with an inductive VPWR line. When VPWR voltage
exceeds VPWR(CLAMP) threshold, the turn-off on the
corresponding output is deactivated and all HS[0:3] outputs
are switched ON automatically to demagnetize the inductive
Battery line.
REVERSE BATTERY ON VPWR
The output survives the application of reverse voltage as
low as -18 V. Under these conditions, the ON resistance of
the output is 2 times higher than typical ohmic value in
forward mode. No additional passive components are
required except on VDD current path.
GROUND DISCONNECT PROTECTION
In the event the 10XS3435 ground is disconnected from
load ground, the device protects itself and safely turns OFF
the output regardless of the state of the output at the time of
disconnection (maximum VPWR = 16V). A 10kΩ resistor
needs to be added between the MCU and each digital input
pin in order to ensure that the device turns off in case of
ground disconnect and to prevent this pin from exceeding
maximum ratings.
LOSS OF SUPPLY LINES
Loss of VDD
If the external VDD supply is disconnected (or not within
specification: VDD < VDD(FAIL)) with VDD_FAIL_en bit is set
to logic [1]), all SPI register content is reset.
The outputs can still be driven by the direct inputs IN[0:3]
if VPWR is within specified voltage range. The 10XS3435
uses the battery input to power the output MOSFET-related
current sense circuitry and any other internal logic providing
Fail-safe device operation with no VDD supplied. In this state,
the over-temperature, over-current, severe short-circuit,
short to VPWR and OFF open-load circuitry are fully
operational with default values corresponding to all SPI bits
are set to logic [0]. No current is conducted from VPWR to
VDD.
Loss of VPWR
If the external VPWR supply is disconnected (or not within
specification), the SPI configuration, reporting, and daisy
chain features are provided for RST to set to logic [1] under
VDD in nominal conditions. This fault condition can be
diagnosed with UV fault in SPI STATR_s registers. The SPI
pull-up and pull-down current sources are not operational.
The previous device configuration is maintained. No current
is conducted from VDD to VPWR.
Loss of VPWR and VDD
If the external VPWR and VDD supplies are disconnected
(or not within specification: (VDD and VPWR) <
VSUPPLY(POR)), all SPI register contents are reset with default
values corresponding to all SPI bits are set to logic [0] and all
latched faults are also reset.
EMC PERFORMANCES
All following tests are performed on Freescale evaluation
board in accordance with the typical application schematic.
The device is protected in case of positive and negative
transients on the VPWR line (per ISO 7637-2).
The 10XS3435 successfully meets the Class 5 of the
CISPR25 emission standard and 200V/m or BCI 200mA
injection level for immunity tests.


Similar Part No. - MC10XS3435

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435BHFK FREESCALE-MC10XS3435BHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435BPNA FREESCALE-MC10XS3435BPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435DHFK FREESCALE-MC10XS3435DHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
MC10XS3435DPNA FREESCALE-MC10XS3435DPNA Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results

Similar Description - MC10XS3435

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3412 FREESCALE-MC10XS3412 Datasheet
2Mb / 51P
   Quad High Side Switch (Dual 10m廓, Dual 12m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com