Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3412CPNA Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MC10XS3412CPNA
Description  Quad High Side Switch (Dual 10m廓, Dual 12m廓)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3412CPNA Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC10XS3412CPNA Datasheet HTML 19Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 20Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 21Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 22Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 23Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 24Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 25Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 26Page - Freescale Semiconductor, Inc MC10XS3412CPNA Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
10XS3412
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
GROUND (GND)
These pins are the ground for the device.
POSITIVE POWER SUPPLY (VPWR)
This pin connects to the positive power supply and is the
source of operational power for the device. The VPWR
contact is the backside surface mount tab of the package.
SERIAL OUTPUT (SO)
The SO data pin is a tri-stateable output from the shift
register. The SO pin remains in a high-impedance state until
the CS pin is put into a logic [0] state. The SO data is capable
of reporting the status of the output, the device configuration,
the state of the key inputs, etc. The SO pin changes state on
the rising edge of SCLK and reads out on the falling edge of
SCLK. SO reporting descriptions are provided in Table 22,
page 38.
HIGH SIDE OUTPUTS (HS3, HS1, HS0, HS2)
Protected 10m
Ω and 12mΩ high side power outputs to the
load.
FAIL-SAFE INPUT (FSI)
This pin incorporates an active internal pull-up current
source from internal supply (VREG). This enables the
watchdog timeout feature.
When the FSI pin is opened, the watchdog circuit is
enabled. After a Watchdog timeout occurs, the output states
depends on IN[0:3].
When the FSI pin is connected to GND, the watchdog
circuit is disabled. The output states depends on IN[0:3] in
case of VDD Failure condition, in case VDD failure detection
is activated (VDD_FAIL_en bit sets to logic [1]).


Similar Part No. - MC10XS3412CPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3412CPNA FREESCALE-MC10XS3412CPNA Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results

Similar Description - MC10XS3412CPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435 FREESCALE-MC10XS3435 Datasheet
1Mb / 50P
   Quad High Side Switch (Dual 10m廓, Dual 35m廓)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
   Quad High Side Switch (Quad 35m廓)
logo
Infineon Technologies A...
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERB INFINEON-BTT6030-2ERB Datasheet
1Mb / 55P
   Smart High-Side Power Switch Dual Channel, 32m廓
Rev.1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
BTF6070-2ERV INFINEON-BTF6070-2ERV Datasheet
1Mb / 42P
   Smart High-Side Power Switch Dual Channel, 60 m廓
Rev. 1.00 2019-04-25
logo
Texas Instruments
TPS2HB35-Q1 TI1-TPS2HB35-Q1_V01 Datasheet
541Kb / 43P
[Old version datasheet]   40-V, 35-m廓 Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com